Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA30QS450-4 Datasheet(PDF) 5 Page - Littelfuse

Part # LA30QS450-4
Description  Traditional Semiconductor Fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA30QS450-4 Datasheet(HTML) 5 Page - Littelfuse

  LA30QS450-4 Datasheet HTML 1Page - Littelfuse LA30QS450-4 Datasheet HTML 2Page - Littelfuse LA30QS450-4 Datasheet HTML 3Page - Littelfuse LA30QS450-4 Datasheet HTML 4Page - Littelfuse LA30QS450-4 Datasheet HTML 5Page - Littelfuse LA30QS450-4 Datasheet HTML 6Page - Littelfuse LA30QS450-4 Datasheet HTML 7Page - Littelfuse LA30QS450-4 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Littelfuse.com
© 2013 Littelfuse POWR-GARD® Products
POWR-GARD® Fuse Datasheet
Rev: 4-C-080613
5 of 8
la50QS alTernaTe dimenSion SemiconducTor FuSeS
500 VAC • Very Fast-Acting • 35-1200 A
Description
In response to new equipment requirements, Littelfuse
LA50QS series fuses were developed to improve the overall
performance of semiconductor fuses. The LA50QS provides
the best protection features including lower I2t, longer life
when subjected to cyclic loading and lower watts loss.
LA50QS is today’s choice for the protection of dynamic solid
state equipment.
Specifications
Voltage Rating
AC: 500 V
DC: 500 V
Interrupting Rating
AC: 200 kA
DC: 100 kA
Ampere Range
35 – 1200 A
Approvals
UL Recognized
CSA Certified
Web Resources
For additional information, visit: littelfuse.com/la50qs
ampere
raTing
caTalog
number
mounTing
Type
maximum
clearing i2t
@500 Vac
(a2s x 103)
WaTTS loSS
@ raTed
currenT (W)
35
LA50QS35-4
4
0.56
6
40
LA50QS40-4
4
0.69
7
50
LA50QS50-4
4
1.1
8
60
LA50QS60-4
4
1.8
10
70
LA50QS70-4
4
1.9
12
80
LA50QS80-4
4
2.6
14
90
LA50QS90-4
4
3.6
15
100
LA50QS100-4
4
4.4
17
125
LA50QS125-4
4
5.6
21
150
LA50QS150-4
4
9
25
175
LA50QS175-4
4
15
29
200
LA50QS200-4
4
20
33
225
LA50QS225-4
4
25
37
250
LA50QS250-4
4
29
41
300
LA50QS300-4
4
55
49
350
LA50QS350-4
4
88
57
400
LA50QS400-4
4
98
65
450
LA50QS450-4
4
130
69
500
LA50QS500-4
4
160
77
600
LA50QS600-4
4
220
92
700
LA50QS700-4
4
270
110
800
LA50QS800-4
4
360
130
900
LA50QS900-4
4
500
140
1000
LA50QS1000-4
4
560
160
1200
LA50QS1200-4
4
930
175
Dimensions for reference only.
ampere
raTing
mounTing
Type
dimenSionS incheS (mm)
a
b
c
d
e
F
g
h
35 – 100
4
3.63
(92.2)
1.00
(25.4)
2.13
(54.1)
2.94
(74.7)
2.75
(69.9)
0.31
(7.9)
0.75
(19.1)
0.13
(3.3)
125 – 200
4
3.63
(92.2)
1.22
(31.0)
2.13
(54.1)
2.94
(74.7)
2.81
(71.4)
0.31
(7.9)
1.00
(25.4)
0.19
(4.8)
225 – 400
4
4.34
(110)
1.50
(38.1)
2.09
(53.1)
3.41
(86.6)
2.78
(70.6)
0.41
(10.4)
1.00
(25.4)
0.25
(6.4)
450 – 600
4
4.47
(114)
2.00
(50.8)
2.22
(56.4)
3.53
(89.7)
2.91
(73.9)
0.41
(10.4)
1.50
(38.1)
0.25
(6.4)
700 – 800
4
6.47
(164.3)
2.50
(63.5)
2.22
(56.4)
5.00
(127.0)
3.44
(87.3)
0.53
(13.5)
1.50
(38.1)
0.25
(6.4)
900 – 1200
4
6.97
(177.0)
3.00
(76.2)
3.22
(81.8)
5.47
(138.9)
4.47
(113.5)
0.63
(15.9)
2.38
(60.3)
0.44
(11.1)
Contact Littelfuse for characteristic curves.
Dimensions
LA50QS Series


Similar Part No. - LA30QS450-4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA30QS450-4 LITTELFUSE-LA30QS450-4 Datasheet
133Kb / 2P
   Special Purpose Fuses
LA30QS450-4 LITTELFUSE-LA30QS450-4 Datasheet
135Kb / 2P
   LA30QS Semiconductor Fuses
2005
More results

Similar Description - LA30QS450-4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L15S1 LITTELFUSE-L15S1 Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
LSCR LITTELFUSE-LSCR Datasheet
310Kb / 4P
   Semiconductor Fuses
LA50QS250-4TI LITTELFUSE-LA50QS250-4TI Datasheet
375Kb / 2P
   LA50QS Semiconductor Fuses
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS400-4TI LITTELFUSE-LA15QS400-4TI Datasheet
393Kb / 2P
   LA15QS Semiconductor Fuses
logo
List of Unclassifed Man...
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS3004TI LITTELFUSE-LA15QS3004TI Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA70QS150-4 LITTELFUSE-LA70QS150-4 Datasheet
375Kb / 2P
   LA70QS Semiconductor Fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com