Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4010DS2 Datasheet(PDF) 11 Page - Littelfuse

Part # S4010DS2
Description  Sensitive SCRs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4010DS2 Datasheet(HTML) 11 Page - Littelfuse

Back Button S4010DS2 Datasheet HTML 4Page - Littelfuse S4010DS2 Datasheet HTML 5Page - Littelfuse S4010DS2 Datasheet HTML 6Page - Littelfuse S4010DS2 Datasheet HTML 7Page - Littelfuse S4010DS2 Datasheet HTML 8Page - Littelfuse S4010DS2 Datasheet HTML 9Page - Littelfuse S4010DS2 Datasheet HTML 10Page - Littelfuse S4010DS2 Datasheet HTML 11Page - Littelfuse S4010DS2 Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheets
Sensitive SCRs
©2004 Littelfuse, Inc.
E5 - 11
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E5.20 Peak Repetitive Capacitor Discharge Current
Figure E5.21 Peak Repetitive Sinusoidal Curve
180
160
140
120
100
80
60
40
20
0
1.0
3.0
5.0 7.0
10
30
50
70 100
Peak Current Duration (tW) – µs
0.8 A to 4 A
ITM
tW
tW = 5 TIME CONSTANTS
60 Hz
12 Hz
1 Hz
180
160
140
120
100
80
60
40
20
0
1.0
3.0
5.0 7.0
10
30
50
70 100
Peak Current Duration (tW) – µs
0.8 A to 4 A
ITM
tW
60 Hz
12 Hz
1 Hz


Similar Part No. - S4010DS2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S4010DS2 LITTELFUSE-S4010DS2 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
S4010DS2 ETC2-S4010DS2 Datasheet
205Kb / 12P
   RoHS Compliant
More results

Similar Description - S4010DS2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T106D4 LITTELFUSE-T106D4 Datasheet
205Kb / 12P
   Sensitive SCRs
logo
Unisonic Technologies
X0202 UTC-X0202_10 Datasheet
332Kb / 5P
   SENSITIVE SCRS
X0202 UTC-X0202 Datasheet
218Kb / 5P
   SENSITIVE SCRS
X0202B UTC-X0202B Datasheet
370Kb / 5P
   SENSITIVE SCRS
logo
JIEJIE MICROELECTRONICS...
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
   0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
   0.8A SENSITIVE SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
MCR100-6 JIEJIE-MCR100-6 Datasheet
391Kb / 4P
   0.8A SENSITIVE SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com