Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1980 Datasheet(PDF) 4 Page - Rohm

Part # 2SD1980
Description  Power Transistor (100V, 2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1980 Datasheet(HTML) 4 Page - Rohm

  2SD1980 Datasheet HTML 1Page - Rohm 2SD1980 Datasheet HTML 2Page - Rohm 2SD1980 Datasheet HTML 3Page - Rohm 2SD1980 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Appendix
Appendix1-Rev1.1
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Similar Part No. - 2SD1980

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1980 ROHM-2SD1980 Datasheet
81Kb / 4P
   Power Transistor (100V , 2A)
2SD1980 ROHM-2SD1980 Datasheet
70Kb / 1P
   Transistors
2SD1980 ROHM-2SD1980 Datasheet
164Kb / 3P
   Power Transistor (100V, 2A)
2SD1980 ROHM-2SD1980 Datasheet
134Kb / 3P
   Power Transistor
logo
Inchange Semiconductor ...
2SD1980 ISC-2SD1980 Datasheet
229Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2SD1980

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1980 ROHM-2SD1980_09 Datasheet
164Kb / 3P
   Power Transistor (100V, 2A)
2SD2195 ROHM-2SD2195 Datasheet
81Kb / 4P
   Power Transistor (100V , 2A)
RQ6P020AT ROHM-RQ6P020AT Datasheet
2Mb / 14P
   Pch -100V -2A Power MOSFET
20230118 - Rev.002
logo
SeCoS Halbleitertechnol...
2SA554 SECOS-2SA554 Datasheet
344Kb / 2P
   -2A, -100V PP Epitaxial Planar Transistor
logo
PFC Device Inc.
PTA2L100 PFC-PTA2L100 Datasheet
561Kb / 5P
   2A 100V HPTR짰 Schottky Rectifier
logo
Rohm
2SD1857 ROHM-2SD1857_09 Datasheet
164Kb / 3P
   Power Transistor (120V, 2A)
2SD1861 ROHM-2SD1861 Datasheet
72Kb / 3P
   Power transistor (40V, 2A)
2SB1427 ROHM-2SB1427 Datasheet
61Kb / 2P
   Power transistor (-20V, -2A)
2SA2093 ROHM-2SA2093 Datasheet
97Kb / 4P
   Power transistor (-60V, -2A)
logo
Infineon Technologies A...
IPB330P10NM INFINEON-IPB330P10NM Datasheet
1Mb / 11P
   OpriMOS power-Transistor,-100V
2.0. 2021-05-24
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com