Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SL5500 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. SL5500
Description  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SL5500 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SL5500 Datasheet HTML 1Page - Fairchild Semiconductor SL5500 Datasheet HTML 2Page - Fairchild Semiconductor SL5500 Datasheet HTML 3Page - Fairchild Semiconductor SL5500 Datasheet HTML 4Page - Fairchild Semiconductor SL5500 Datasheet HTML 5Page - Fairchild Semiconductor SL5500 Datasheet HTML 6Page - Fairchild Semiconductor SL5500 Datasheet HTML 7Page - Fairchild Semiconductor SL5500 Datasheet HTML 8Page - Fairchild Semiconductor SL5500 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PACKAGE
SCHEMATIC
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
6/30/03
Page 1 of 10
© 2003 Fairchild Semiconductor Corporation
SL5500
SL5501
SL5504
SL5511
DESCRIPTION
The SL5500, SL5501, SL5504 and SL5511 are optically coupled isolators each consisting of an infrared emitting GaAs diode and
a silicon NPN phototransistor with accessible base. These devices are housed in 6-pin dual-in-line packages (DIP).
FEATURES
High output/input DC current transfer ratio
•Low saturation voltage
High isolation voltage of 5.3 kV RMS
UL recognized (File # E90700)
VDE recognized (File # 94766)
- Ordering option ‘300’ (e.g. SL5500.300)
APPLICATIONS
•Power supply regulators
Digital logic inputs
Microprocessor inputs
Appliance sensor systems
Industrial controls
6
1
6
1
6
1
1
2
6
5COL
4EMITTER
BASE
ANODE
CATHODE
3


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MOC8204 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
CNX82AW 6-pin phototransistor optocouplers 1  2  3  4  QT Optoelectronics
TIL111 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
TIL111M GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
CNX35U 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
CNX82A 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  Fairchild Semiconductor
MOC215 SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
MOC8111 PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  QT Optoelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn