Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SL5500 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. SL5500
Description  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SL5500 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SL5500 Datasheet HTML 1Page - Fairchild Semiconductor SL5500 Datasheet HTML 2Page - Fairchild Semiconductor SL5500 Datasheet HTML 3Page - Fairchild Semiconductor SL5500 Datasheet HTML 4Page - Fairchild Semiconductor SL5500 Datasheet HTML 5Page - Fairchild Semiconductor SL5500 Datasheet HTML 6Page - Fairchild Semiconductor SL5500 Datasheet HTML 7Page - Fairchild Semiconductor SL5500 Datasheet HTML 8Page - Fairchild Semiconductor SL5500 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
6/30/03
Page 5 of 10
© 2003 Fairchild Semiconductor Corporation
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
SL5500
SL5501
SL5504
SL5511
VI
0
0
ton
toff
10%
90%
Fig. 2 Waveforms
+VCC
VO
VI
RL
50
Fig. 1 Switching Circuit
VO
Fig. 5 Normalized CTR vs. Ambient Temperature
Fig. 7 CTR vs. RBE (Unsaturated)
Fig. 4 Normalized CTR vs. Forward Current
Fig. 3 LED Forward Voltage vs. Forward Current
FORWARD CURRENT - I F (mA)
05
10
15
20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VCE = 5.0V
TA = 25°C
Normalized to
IF = 10mA
I F - LED FORWARD CURRENT (mA)
110
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
T
A= - 55°C
T
A= 25°C
T
A= 100°C
AMBIENT TEMPERATURE - TA (
oC)
-75
-50
-25
0
25
50
75
100
125
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Normalized to
IF = 10 mA
TA = 25°C
IF = 5mA
IF = 10mA
IF = 20mA
R
BE - BASE RESISTANCE (kΩ)
10
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IF = 20mA
IF = 10mA
IF = 5mA
VCE = 5V, TA = 25°C
Normalized to CTR at RBE = Open


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MOC8204 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
CNX82AW 6-pin phototransistor optocouplers 1  2  3  4  QT Optoelectronics
TIL111 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
TIL111M GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
4N25 GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
CNX35U 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
CNX82A 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  Fairchild Semiconductor
MOC215 SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  More Fairchild Semiconductor
MOC8111 PHOTOTRANSISTOR OPTOCOUPLERS 1  2  3  4  5  QT Optoelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn