Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SL5500 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. SL5500
Description  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SL5500 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SL5500 Datasheet HTML 1Page - Fairchild Semiconductor SL5500 Datasheet HTML 2Page - Fairchild Semiconductor SL5500 Datasheet HTML 3Page - Fairchild Semiconductor SL5500 Datasheet HTML 4Page - Fairchild Semiconductor SL5500 Datasheet HTML 5Page - Fairchild Semiconductor SL5500 Datasheet HTML 6Page - Fairchild Semiconductor SL5500 Datasheet HTML 7Page - Fairchild Semiconductor SL5500 Datasheet HTML 8Page - Fairchild Semiconductor SL5500 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
6/30/03
Page 3 of 10
© 2003 Fairchild Semiconductor Corporation
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
SL5500
SL5501
SL5504
SL5511
*Typical values at TA = 25°C
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameters
Test Conditions
Symbol
Device
Min
Typ*
Max
Units
EMITTER
Input Forward Voltage
IF = 20 mA, TA = 25 to 70°C
VF
All
1.23
1.3
V
IF = 2 mA
1.10
1.2
V
Reverse Current
VR = 3 V, TA = 25 to 70°C
IR
All
0.001
10
µA
DETECTOR
VCE = 10 V
ICEO
All
150
nA
Leakage Current
Collector to Emitter
VCE = 30 V
0.005
10
µA
VCE = 10 V, TA = 70°C
500
nA
VCB = 30 V
ICBO
0.001
50
µA
Breakdown Voltage
Collector to Emitter
IC = 10 µA, IF = 0
BVCEO
SL5500, SL5501, SL5511
30
100
V
SL5504
80
110
Collector to Base
IC = 10 µA, IF = 0
BVCBO
SL5500, SL5501, SL5511
30
120
V
SL5504
120
150
Emitter to Collector
IE = 10 µA, IF = 0
BVECO
All
7
10
V
Emitter to Base
IE = 10 µA, IF = 0
BVEBO
All
7
10
V
ISOLATION CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Min
Typ*
Max
Units
Input-Output Isolation Voltage (note 1)
f = 60Hz, T = 1 min.
VISO
5300
VAC(RMS)
Isolation Resistance
VI-O = ±500 VDC
RISO
110
T
Isolation Capacitance
f = 1 MHz, V = 0V
CISO
0.6
1.3
pF


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MOC8204GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
CNX82AW6-pin phototransistor optocouplers 1 2 3 4 QT Optoelectronics
TIL111GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
4N25GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
TIL111MGENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
4N25GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
CNX35U6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
CNX82A6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 Fairchild Semiconductor
MOC215SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
MOC8111PHOTOTRANSISTOR OPTOCOUPLERS 1 2 3 4 5 QT Optoelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn