Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9936DY Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SI9936DY
Description  Dual N-Channel Enhancement Mode MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI9936DY Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SI9936DY Datasheet HTML 1Page - Fairchild Semiconductor SI9936DY Datasheet HTML 2Page - Fairchild Semiconductor SI9936DY Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Si9936DY Rev. A
Si9936DY*
Dual N-Channel Enhancement Mode MOSFET
General Description
These N-Channel Enhancement Mode MOSFETs are
produced using Fairchild Semiconductor's advance
process that has been especially tailored to minimize
on-state resistance and yet maintain superior switching
performance.
These devices are well suited for low voltage and
battery powered applications where low in-line power
loss and fast switching are required.
Applications
• Battery switch
• Load switch
• Motor controls
June 1999
Features
• 5.0 A, 30 V. R
DS(ON) = 0.050 Ω @ VGS = 10 V
R
DS(ON) = 0.080 Ω @ VGS = 4.5 V
• Low gate charge.
• Fast switching speed.
• High power and current handling capability.
©1999 Fairchild Semiconductor Corporation
$EVROXWH0D[LPXP5DWLQJV U
$Ã2Ã!$ƒ8ȁyr††Ã‚‡ur…v†rÁ‚‡rq
6\PERO
3DUDPHWHU
5DWLQJV
8QLWV
W'66
9…hvT‚ˆ…prÃW‚y‡htr
"
W
W*66
Bh‡rT‚ˆ…prÃW‚y‡htr
±!
W
D'
9…hvÃ8ˆ……r‡ Ã8‚‡vˆ‚ˆ†Ã
I‚‡rà h
$
6
ÃQˆy†rq
#
Q'
Q‚r…Ã9v††vƒh‡v‚Ãs‚…ÃTvtyrÃPƒr…h‡v‚
!
X
Q‚r…Ã9v††vƒh‡v‚Ãs‚…ÃTvtyrÃPƒr…h‡v‚
I‚‡rà h
%
I‚‡rà i
I‚‡rà p
(
U-ÃU67*
Pƒr…h‡vtÃhqÃT‡‚…htrÃEˆp‡v‚ÃUr€ƒr…h‡ˆ…rÃShtr
$$ǂÃ $
°8
7KHUPDO&KDUDFWHULVWLFV
Sθ-$
Uur…€hyÃSr†v†‡hprÃEˆp‡v‚‡‚6€ivr‡
%!$
°8X
Sθ-&
Uur…€hyÃSr†v†‡hprÃEˆp‡v‚‡‚8h†r
I‚‡rà 
#
°8X
3DFNDJH2XWOLQHVDQG2UGHULQJ,QIRUPDWLRQ
'HYLFH0DUNLQJ
'HYLFH
5HHO6L]H
7DSH:LGWK
4XDQWLW\
(("%
TD(("%9`
"¶¶
!€€
!$ȁv‡†
9vrÃhqÀhˆshp‡ˆ…vtƂˆ…prƈiwrp‡Ã‡‚ÃpuhtrÐv‡u‚ˆ‡Ãƒ…v‚…Á‚‡vsvph‡v‚
'
62
'
'
'
6
6
*
*










Similar Part No. - SI9936DY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SI9936DY PHILIPS-SI9936DY Datasheet
260Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
VBsemi Electronics Co.,...
SI9936DY-T1-E3 VBSEMI-SI9936DY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI9936DY

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com