Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA02S4803A Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # PA02S4803A
Description  1W DC/DC CONVERTER, High isolation, SIP-Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PA02S4803A Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  PA02S4803A Datasheet HTML 1Page - Delta Electronics, Inc. PA02S4803A Datasheet HTML 2Page - Delta Electronics, Inc. PA02S4803A Datasheet HTML 3Page - Delta Electronics, Inc. PA02S4803A Datasheet HTML 4Page - Delta Electronics, Inc. PA02S4803A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS_PI01S/D_03202012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
Input Voltage Range
5V Input Models
4.5
5
5.5
VDC
12V Input Models
10.8
12
13.2
Input Surge Voltage (1 sec. max.)
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
29
Reverse Polarity Input Current
All Models
---
---
0.3
A
Input Filter
LC Filter
Internal Power Dissipation
---
---
650
mW
Output Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±1.0
±3.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.1
±1.0
%
Line Regulation
For Vin Change of 1%
---
±1.2
±1.5
%
Load Regulation
Io=20% to 100%
See Model Selection Guide
Ripple & Noise (20MHz)
---
100
150
mV P-P
Ripple & Noise (20MHz)
Over Line, Load & Temp.
---
---
200
mV P-P
Ripple & Noise (20MHz)
---
---
15
mV rms
Temperature Coefficient
---
±0.01
±0.02
%/
Short Circuit Protection
0.5 Second Max.
Isolation and Safety Standards
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
3000
---
---
VACrms
I/O Isolation Test Voltage
Flash tested for 1 Second
4500
---
---
VPK
I/O Isolation Resistance
500 VDC
10
---
---
I/O Isolation Capacitance
100KHz, 1V
---
15
20
pF
Safety Standards
cUL/UL60950-1, CSA C22.2 No. 60950-1-03
UL60601-1,CSA C22.2 No.601-1
IEC/EN 60950-1, IEC/EN 60601-1
Approvals
IEC60950-1 CB report, cUL/UL 60950-1 certificate
UL60601-1 UL certificate
General Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Switching Frequency
50
80
100
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
2,000,000
---
---
Hours
Recommended Input Fuse
5V Input Models
12V Input Models
500mA Slow-Blow Type
200mA Slow-Blow Type
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range (with Derating)
Ambient
-25
+85
Case Temperature
---
+90
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
P2


Similar Part No. - PA02S4803A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PA02S4803A DELTA-PA02S4803A Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
More results

Similar Description - PA02S4803A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PD01S DELTA-PD01S Datasheet
207Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
PF01S DELTA-PF01S Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
logo
Minmax Technology Co., ...
MAPU01H MINMAX-MAPU01H Datasheet
690Kb / 3P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
MAU200 MINMAX-MAU200_16 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S_14 Datasheet
248Kb / 6P
   1W DC/DC CONVERTER, High isolation, SIP-Package
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com