Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4S2 Datasheet(PDF) 9 Page - Littelfuse

Part # S4S2
Description  Teccor brand Thyristors 0.8 Amp Sensitive SCRs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4S2 Datasheet(HTML) 9 Page - Littelfuse

Back Button S4S2 Datasheet HTML 2Page - Littelfuse S4S2 Datasheet HTML 3Page - Littelfuse S4S2 Datasheet HTML 4Page - Littelfuse S4S2 Datasheet HTML 5Page - Littelfuse S4S2 Datasheet HTML 6Page - Littelfuse S4S2 Datasheet HTML 7Page - Littelfuse S4S2 Datasheet HTML 8Page - Littelfuse S4S2 Datasheet HTML 9Page - Littelfuse S4S2 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
171
Revised: June 21, 2011 04:14 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
0.8 Amp Sensitive SCRs
EC103xx & SxSx Series
TO-92 (3-lead) Ammo Pack (AP) Radial Leaded Specifications
Compak Embossed Carrier Reel Pack (RP) Specifications
Meets all EIA-468-C Standards
Meets all EIA-481-1 Standards
Flat down
25 Devices per fold
Cathode
Anode
Gate
Direction of
Feed
Dimensions
are in inches
(and millimeters).
0.708
(18.0)
1.62
(41.2)
0.5
(12.7)
0.1 (2.54)
0.2 (5.08)
0.236
(6.0)
0.02 (0.5)
1.85
(47.0)
13.3
(338.0)
1.27
(32.2)
0.098 (2.5) MAX
12.2
(310.0)
1.85
(47.0)
0.354
(9.0)
0.157 DIA
(4.0)
8.0
Anode
Cathode
Gate
0.47
(12.0)
0.36
(9.2)
0.315
(8.0)
0.157
(4.0)
0.49
(12.4)
0.512 (13.0) Arbor
Hole Dia.
12.99
(330.0)
Dimensions
are in inches
(and millimeters).
Direction of Feed
0.059 DIA
(1.5)
Cover tape


Similar Part No. - S4S2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S4S2 LITTELFUSE-S4S2 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
List of Unclassifed Man...
S4S2 ETC2-S4S2 Datasheet
205Kb / 12P
   RoHS Compliant
S4S2 ETC2-S4S2 Datasheet
205Kb / 12P
   RoHS Compliant
logo
ebm-papst
S4S200-BA02-01 EBMPAPST-S4S200-BA02-01 Datasheet
459Kb / 10P
   AC axial fans
S4S200-BA02-02 EBMPAPST-S4S200-BA02-02 Datasheet
459Kb / 10P
   AC axial fans
More results

Similar Description - S4S2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8X8TSRP LITTELFUSE-S8X8TSRP Datasheet
1Mb / 9P
   Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
S4012DRP LITTELFUSE-S4012DRP Datasheet
854Kb / 8P
   Teccor brand Thyristors 12 Amp Standard SCRs
S6X8BSRP LITTELFUSE-S6X8BSRP Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
L0109MTRP LITTELFUSE-L0109MTRP Datasheet
1Mb / 8P
   Teccor brand Thyristors Teccor brand Thyristors
S2055WTP LITTELFUSE-S2055WTP Datasheet
236Kb / 9P
   Teccor brand Thyristors
LX8 LITTELFUSE-LX8 Datasheet
257Kb / 8P
   Teccor brand Thyristors
S4065KTP LITTELFUSE-S4065KTP Datasheet
245Kb / 8P
   Teccor brand Thyristors
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com