Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2300EBLRP2 Datasheet(PDF) 5 Page - Littelfuse

Part # P2300EBLRP2
Description  SIDACtor Series - TO-92
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2300EBLRP2 Datasheet(HTML) 5 Page - Littelfuse

  P2300EBLRP2 Datasheet HTML 1Page - Littelfuse P2300EBLRP2 Datasheet HTML 2Page - Littelfuse P2300EBLRP2 Datasheet HTML 3Page - Littelfuse P2300EBLRP2 Datasheet HTML 4Page - Littelfuse P2300EBLRP2 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SIDACtor® ProtectionThyristors
162
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
All leads are insulated from case. Case is electri-
cally non-conductive. (Rated at 1600 V
(AC) RMS for
one minute from leads to case over the operating
temperature range.)
Mold flash shall not exceed 0.13 mm per side.
A
B
Temperature
Measurement Point
MT2/PIN 3
MT1/PIN 1
E
H
G
D
K
J
L
M
N
The TO-92 is designed to meet
mechanical standards as set forth
in JEDEC publication number 95.
Inches
Millimeters
Min
Max
Min
Max
A
0.176
0.196
4.47
4.98
B
0.500
12.70
D
0.095
0.105
2.41
2.67
E
0.150
3.81
G
0.135
0.145
3.43
3.68
H
0.088
0.096
2.23
2.44
J
0.176
0.186
4.47
4.73
K
0.088
0.096
2.23
2.44
L
0.013
0.019
0.33
0.48
M
0.013
0.017
0.33
0.43
N
0.60
1.52
Dimensions — TO-92
Ammo Pack Specification — TO-92
Flat down
25 Devices per fold
0.708
(18.0)
1.27
(32.2)
0.125 (3.2) MAX
1.62
(41.2)
MAX
0.50
(12.7)
0.354
(9.0)
0.236
(6.0)
0.02 (0.5)
0.20 (5.08)
0.50
(12.7)
0.25
(6.35)
Direction
of Feed
Dimensions
are in inches
(and millimeters).
1.7
(43)
12.9
(327)
6.9
(175)
1.7
(43)
0.157 DIA
(4.0)
A
B
D
C
W1
FLAT SIDE
OF TO-92
ROUND SIDE
OF TO-92
H
W3
W
W4
H1
W2
P
P0
F
(RP1)
F
(RP2)
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
N/A
14.173
N/A
360.0
B
4.016
N/A
102.0
N/A
C
3.386
N/A
86.0
N/A
D
0.795
N/A
20.2
N/A
W1
1.181
1.968
30.0
50.0
P
0.496
0.504
12.60
12.80
P0
0.498
0.502
12.65
12.75
F(for RP1)
0.090
0.110
2.29
2.80
F(for RP2)
0.182
0.244
4.63
6.19
H
N/A
1.673
N/A
42.50
H1
N/A
1.270
N/A
32.26
W
0.674
0.763
17.12
19.38
W2
0.354
0.370
8.25
9.75
W3
0.236
N/A
6.00
N/A
W4
0.020
N/A
0.50
N/A
Tape and Reel Specification — TO-92


Similar Part No. - P2300EBLRP2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2300EBL LITTELFUSE-P2300EBL Datasheet
149Kb / 3P
   SIDACtor짰 Device
P2300EBL LITTELFUSE-P2300EBL Datasheet
173Kb / 3P
   TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
logo
HuaXinAn Electronics CO...
P2300EBL HUAXINAN-P2300EBL Datasheet
390Kb / 7P
   SIDACtor Protection Thyristors
P2300EBL HUAXINAN-P2300EBL Datasheet
285Kb / 6P
   Thyristor Surge Suppressors
logo
Littelfuse
P2300EBLXXX LITTELFUSE-P2300EBLXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
More results

Similar Description - P2300EBLRP2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0300EAL LITTELFUSE-P0300EAL Datasheet
173Kb / 3P
   TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
P3403AAL LITTELFUSE-P3403AAL Datasheet
144Kb / 5P
   SIDACtor Balanced Series - Modified TO-220
logo
Rectron Semiconductor
RL058A RECTRON-RL058A Datasheet
179Kb / 3P
   SIDACTOR
PR058A RECTRON-PR058A Datasheet
172Kb / 3P
   SIDACTOR
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Littelfuse
P2000AA61L LITTELFUSE-P2000AA61L Datasheet
142Kb / 2P
   SIDACtor
logo
Rectron Semiconductor
SMA3100A RECTRON-SMA3100A Datasheet
332Kb / 4P
   SIDACTOR
SMB2300C RECTRON-SMB2300C Datasheet
338Kb / 4P
   SIDACTOR
RLA058A RECTRON-RLA058A Datasheet
266Kb / 4P
   SIDACTOR
logo
Littelfuse
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP Datasheet
421Kb / 4P
   Q2L Series SIDACtor Device
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com