Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S36SE12003NDFG Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # S36SE12003NDFG
Description  17W Single output DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S36SE12003NDFG Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  S36SE12003NDFG Datasheet HTML 1Page - Delta Electronics, Inc. S36SE12003NDFG Datasheet HTML 2Page - Delta Electronics, Inc. S36SE12003NDFG Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S36SE series
17W Single output DC/DC Converter
DS_S36SE_07202012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 87%
Package with Industry Standard Pinout
Package Dimension:
29.4 x25.6 x10.2mm (1.16” x1.01” x0.40”)
Isolation Voltage 1500VDC
Operating Temperature range - 40°C to +85°C
Six-sided shield metal case
Lead free, RoHs Compliant
Over current protection
Short Output Protection
3 Years Product Warranty
The S36SE series are miniature, isolated 17W DC/DC converters with 1500VDC isolation. The S36SE family comes with a host of
industry-standard features, such as over current protection, over voltage protection, and remote on/off. All models have an untra-wide 4:1
input voltage range (18V to 75V). With operating temperature of -40°C to +85°C, it is suitable for customers’ critical applications, such as
process control and automation, transportation, data communication and telecom equipment, test equipment, medical device and
everywhere where space on the PCB is critical.
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load @No Load
Load
Regulation
Maxcapacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mV
uF
%
S36SE3R305
3.3
5000
0
1300
20
10
1000
86.5
S36SE05003
5
3000
0
1100
15
10
1000
83.5
S36SE12001
36
(18 ~ 75)
12
1300
0
1100
15
10
500
87
Input Characteristics
Item
Model
Min.
Typ.
Max.
Unit
Input Surge Voltage (100 msec)
All Models
100
VDC
Input Turn-On Voltage Threshold
All Models
16
17
18
VDC
Input Turn-Off Voltage Threshold
All Models
15
16
17
VDC
Input Under-Voltage Lockout Hysteresis
All Models
0.5
1
1.5
VDC
Off-Converter Input Current
All Models
5
mA
Reverse Polarity Input Current
All Models
---
---
0.3
A
Input Filter
All Models
Internal PI Filter
3.3V
3.6
W
5V
3.6
W
Internal Power Dissipation
12V
3.0
W


Similar Part No. - S36SE12003NDFG

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE12001 DELTA-S36SE12001 Datasheet
204Kb / 4P
   17W Single output DC/DC Converter
S36SE12001ERFF DELTA-S36SE12001ERFF Datasheet
563Kb / 16P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12001ERFF DELTA-S36SE12001ERFF_14 Datasheet
563Kb / 16P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12001NRFA DELTA-S36SE12001NRFA Datasheet
652Kb / 13P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE12001NRFB DELTA-S36SE12001NRFB Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
More results

Similar Description - S36SE12003NDFG

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE3R305 DELTA-S36SE3R305_12 Datasheet
204Kb / 4P
   17W Single output DC/DC Converter
logo
Chinfa Electronics Ind....
KDD20-9093 CHINFA-KDD20-9093 Datasheet
176Kb / 2P
   DC - DC CONVERTER 17W
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com