Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA15QS60-1 Datasheet(PDF) 2 Page - Littelfuse

Part # LA15QS60-1
Description  Traditional Semiconductor Fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA15QS60-1 Datasheet(HTML) 2 Page - Littelfuse

  LA15QS60-1 Datasheet HTML 1Page - Littelfuse LA15QS60-1 Datasheet HTML 2Page - Littelfuse LA15QS60-1 Datasheet HTML 3Page - Littelfuse LA15QS60-1 Datasheet HTML 4Page - Littelfuse LA15QS60-1 Datasheet HTML 5Page - Littelfuse LA15QS60-1 Datasheet HTML 6Page - Littelfuse LA15QS60-1 Datasheet HTML 7Page - Littelfuse LA15QS60-1 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Littelfuse.com
© 2013 Littelfuse POWR-GARD® Products
POWR-GARD® Fuse Datasheet
Rev: 4-C-080613
2 of 8
F
G
A
B
C
E
J
H
Fig. 4
A
B
C
D
F
G
E
H
Fig. 3
ampere
raTing
Fig.
no.
dimenSionS incheS (mm)
a
b
c
d
e
F
g
h
L15S Series, 150 VAC
1 – 30
1
112 (38.1)
3
8 (9.5)
13
32 (10.3)
31 – 60
1
2 (50.8)
5
8 (15.9)
13
16 (20.6)
61 – 450
3
1532 (29.4)
178 (47.6)
2316 (55.6) 22132 (67.5)
1 (25.4)
43
64 (17.1)
5
16 (7.9)
3
16 (4.8)
451 – 1000
3
114 (31.8) 11516 (49.2) 2916 (65.1)
312 (88.9)
112 (38.1)
1 (25.4)
13
32 (10.3)
1
4 (6.4)
L25S Series, 250 VAC
1 – 30
1
2 (50.8)
1
2 (12.7)
9
16 (14.3)
31 – 60
2
158 (41.3)
214 (57.2)
212 (63.5)
3316 (81.0) 1316 (20.6)
23
32 (18.3)
11
32 (8.7)
1
8 (3.2)
61 – 200
3
158 (41.3)
2516 (58.7) 2716 (61.9)
318 (79.4)
1732 (31.0)
1 (25.4)
5
16 (7.9)
3
16 (4.8)
201 – 700
3
11932 (40.5) 2932 (57.9) 22932 (73.8) 32732 (97.6) 112 (38.1)
1 (25.4)
13
32 (10.3)
1
4 (6.4)
701 – 800
3
11932 (40.5) 2932 (57.9) 22932 (73.8) 32732 (97.6)
2 (50.8)
112 (38.1)
13
32 (10.3)
1
4 (6.4)
L50S Series, 500 VAC / 450 VDC
10 – 30
1
2 (50.8)
1
2 (12.7)
9
16 (14.3)
31 – 60
2
158 (41.3)
214 (57.2)
212 (63.5)
3316 (81.0) 1316 (20.6)
23
32 (18.3)
11
32 (8.7)
1
8 (3.2)
61 – 100
3
218 (54.0) 21116 (68.3)
3 (76.2)
358 (92.1)
1 (25.4)
3
4 (19.1)
11
32 (8.7)
1
8 (3.2)
101 – 200
3
218 (54.0) 21316 (71.4) 21516 (74.6) 358 (92.1)
1732 (31.0) .895 (22.7)
5
16 (7.9)
3
16 (4.75)
201 – 400
3
2332 (53.2) 22532 (70.6) 31332 (86.5) 41132 (110.3) 112 (38.1)
1 (25.4)
13
32 (10.3)
1
4 (6.4)
401 – 600
3
2732 (56.4) 22932 (73.8) 31732 (89.7) 41532 (113.5)
2 (50.8)
112 (38.1)
13
32 (10.3)
1
4 (6.4)
601 – 800
3
2732 (56.4) 4932 (108.7) 458 (117.5) 61532 (164.3) 212 (63.5)
2 (50.8)
17
32 (13.5)
3
8 (9.5)
L60S Series, 600 VAC
1 – 30
1
5 (127.0)
5
8 (15.9)
13
16 (20.6)
31 – 60
2
22532 (70.6) 3716 (87.3) 31116 (93.7) 4 38 (111.1) 1316 (20.6)
23
32 (18.3)
11
32 (8.7)
1
8 (3.2)
61 – 100
2
22932 (73.8) 31732 (89.7) 32532 (96.0) 41532 (113.5) 1116 (27.0)
23
32 (18.3)
11
32 (8.7)
1
8 (3.2)
101 – 200
2
22932 (73.8) 3916 (90.5) 334 (95.3) 41332 (111.9) 1516 (33.3)
1 (25.4)
5
16 (7.9)
3
16 (4.8)
201 – 400
2
22932 (73.8) 33132 (100.8) 4532 (105.6) 518 (130.2) 13764 (40.1)
1 (25.4)
13
32 (10.3)
1
4 (6.4)
401 – 600
2
278 (73.0) 33132 (100.8) 4964 (105.2) 518 (130.2) 2116 (52.8)
112 (38.1)
13
32 (10.3)
1
4 (6.4)
601 – 800
2
3132 (77.0) 5532 (133.4) 51132 (135.7) 714 (184.2) 212 (63.5)
2 (50.8)
17
32 (13.5)
3
8 (9.5)
L70S Series, 700 VAC / 650 VDC
10 – 30
1
2 (50.8)
1
2 (12.7)
9
16 (14.3)
31 – 60
3
278 (73.0)
3716 (87.3) 32532 (96.0) 438 (111.1)
1 (25.4)
43
64 (17.1)
11
32 (8.7)
1
8 (3.2)
61 – 100
3
278 (73.0) 3916 (90.5) 31116 (93.7) 438 (111.1) 1732 (31.0) 2932 (22.9)
5
16 (7.9)
3
16 (4.8)
101 – 200
3
22732 (72.2) 31732 (89.7) 4532 (105.6) 5332 (129.4) 112 (38.1)
1(25.4)
13
32 (10.3)
1
4 (6.4)
201 – 400
3
22732 (72.2) 31732 (89.7) 4532 (105.6) 5332 (129.4)
2 (50.8)
112 (38.1)
13
32 (10.3)
1
4 (6.4)
401 – 600
3
22732 (72.2) 42932 (124.6) 514 (133.4) 7332 (180.2) 212 (63.5)
2 (50.8)
17
32 (13.5)
3
8 (9.5)
601 – 800
4
3516 (84.1) 5516 (134.9) 61316 (173.0)
278 (73.0)
2 (50.8)
5
8 (15.9)
H: 38 (9.5)
J: 516 (7.9)
KLC Series, 600 VAC
1 – 30
2
178 (47.6)
212 (63.5)
278 (73.0)
9
16 (14.3)
13
32 (10.3)
1
4 (6.4)
3
64 (1.2)
31 – 60
2
234 (69.9)
338 (85.7)
358 (92.1) 4516 (109.5) 1316 (20.6)
23
32 (18.3)
11
32 (8.7)
1
8 (3.2)
61 – 100
3
278 (73.0) 32132 (92.9) 4116 (103.2)
5 (127.0)
1 (25.4)
3
4 (19.1)
13
32 (10.3)
1
8 (3.2)
101 – 200
3
22732 (72.2) 31732 (89.7) 438 (111.1) 5 332 (129.4) 112 (38.1)
1 (25.4)
13
32 (10.3)
1
4 (6.4)
201 – 400
3
22732 (72.2) 42132 (118.3) 42732 (123.0) 614 (158.8)
2 (50.8)
158 (41.3)
9
16 (14.3)
1
4 (6.4)
401 – 800
3
22732 (72.2) 42132 (118.3) 51132 (135.7) 614 (158.8) 212 (63.5)
2 (50.8)
9
16 (14.3)
3
8 (9.5)
E
H
F
G
A
B
C
D
Fig, 2
A
C
D
Fig. 1
TradiTional SemiconducTor FuSeS
Dimensions


Similar Part No. - LA15QS60-1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA15QS60-1 LITTELFUSE-LA15QS60-1 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS60-1 LITTELFUSE-LA15QS60-1 Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
LA15QS60-1 LITTELFUSE-LA15QS60-1 Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
More results

Similar Description - LA15QS60-1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L15S1 LITTELFUSE-L15S1 Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
LSCR LITTELFUSE-LSCR Datasheet
310Kb / 4P
   Semiconductor Fuses
LA50QS250-4TI LITTELFUSE-LA50QS250-4TI Datasheet
375Kb / 2P
   LA50QS Semiconductor Fuses
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS400-4TI LITTELFUSE-LA15QS400-4TI Datasheet
393Kb / 2P
   LA15QS Semiconductor Fuses
logo
List of Unclassifed Man...
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS3004TI LITTELFUSE-LA15QS3004TI Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA70QS150-4 LITTELFUSE-LA70QS150-4 Datasheet
375Kb / 2P
   LA70QS Semiconductor Fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com