Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9424 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SI9424
Description  Single P-Channel 2.5V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI9424 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SI9424 Datasheet HTML 1Page - Fairchild Semiconductor SI9424 Datasheet HTML 2Page - Fairchild Semiconductor SI9424 Datasheet HTML 3Page - Fairchild Semiconductor SI9424 Datasheet HTML 4Page - Fairchild Semiconductor SI9424 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si9424DY Rev.A
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250
µA
-20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = -250
µA, Referenced to 25°C
-24
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = -16 V, VGS = 0 V
-1
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 10 V, VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -10 V, VDS = 0 V
-100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250
µA
-0.4
-0.8
-1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = -250
µA, Referenced to 25°C
5
mV/
°C
RDS(on)
Static Drain-Source
On-Resistance
VGS = -4.5 V, ID = -8 A
VGS = -4.5 V, ID = -8 A ,TJ=125
°C
VGS = -2.5 V, ID = -7 A
0.019
0.026
0.027
0.024
0.039
0.032
ID(on)
On-State Drain Current
VGS = -4.5 V, VDS = -5.0 V
-50
A
gFS
Forward Transconductance
VDS = -5 V, ID = -8 A
28
S
Dynamic Characteristics
Ciss
Input Capacitance
2260
pF
Coss
Output Capacitance
500
pF
Crss
Reverse Transfer Capacitance
VDS = -10 V, VGS = 0 V,
f = 1.0 MHz
205
pF
Switching Characteristics (Note 2)
td(on)
Turn-On Delay Time
8
16
ns
tr
Turn-On Rise Time
15
27
ns
td(off)
Turn-Off Delay Time
98
135
ns
tf
Turn-Off Fall Time
VDD = -10 V, ID = -1 A,
VGS = -4.5 V, RGEN = 6
35
55
ns
Qg
Total Gate Charge
23
33
nC
Qgs
Gate-Source Charge
5.5
nC
Qgd
Gate-Drain Charge
VDS = -10 V, ID = -8 A,
VGS = -5 V,
4
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
-2.1
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = -2.1 A (Note 2)
-0.75
-1.2
V
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθJA is determined by the user's board design.
Scale 1 : 1 on letter size paper
2: Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
a) 50
° C/W when
mounted on a 0.5 in2
pad of 2 oz. copper.
b) 105
° C/W when
mounted on a 0.02 in2
pad of 2 oz. copper.
c) 125
° C/W when
mounted on a 0.003 in2
pad of 2 oz. copper.


Similar Part No. - SI9424

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
logo
VBsemi Electronics Co.,...
SI9424DY-T1-E3 VBSEMI-SI9424DY-T1-E3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - SI9424

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
FDN336P FAIRCHILD-FDN336P_05 Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDY101PZ FAIRCHILD-FDY101PZ Datasheet
124Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com