Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

97-3100A-32-21PW Datasheet(PDF) 4 Page - Amphenol Corporation

Part # 97-3100A-32-21PW
Description  Amphenol 97 Series Standard Cylindrical Connector
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

97-3100A-32-21PW Datasheet(HTML) 4 Page - Amphenol Corporation

  97-3100A-32-21PW Datasheet HTML 1Page - Amphenol Corporation 97-3100A-32-21PW Datasheet HTML 2Page - Amphenol Corporation 97-3100A-32-21PW Datasheet HTML 3Page - Amphenol Corporation 97-3100A-32-21PW Datasheet HTML 4Page - Amphenol Corporation 97-3100A-32-21PW Datasheet HTML 5Page - Amphenol Corporation 97-3100A-32-21PW Datasheet HTML 6Page - Amphenol Corporation 97-3100A-32-21PW Datasheet HTML 7Page - Amphenol Corporation 97-3100A-32-21PW Datasheet HTML 8Page - Amphenol Corporation 97-3100A-32-21PW Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
2
Guide to Selecting a Connector
In selecting a connector, it first must be
determined if a non-environmental 97
A or B Series 5015 type is required or if
an environmental MS-5015 Class E, F,
or R type* is required.
If determined that the general duty,
non-environmental 97 series is the
choice - then this catalog is appropriate
to your needs
The following 8 steps apply to for-
mulation of a part number.**
How many wires are you
going to connect?
What gauge?
These two questions are important,
because they indicate which insert you
need. There are literally hundreds to
choose from.
The insert arrangements for solder
contact connectors are illustrated on
pages 6-11. The inserts most often
used are highlighted on these pages.
Here’s an example of how to choose
an insert arrangement. Say you want to
connect eight 16-ga. wires, - first find
the section of arrangements contain-
ing 8 contacts. Insert number 20-7 is
the one you want because it contains
eight 16-ga. contacts and it is one of
the most often used. The one you
choose might depend on your space or
voltage
requirements.
The
voltage
capacity of each insert is listed under
its diagram.
If you have more than one wire size
to connect, the method is essentially
the same. Actually, the insert configu-
rations for multiple-size wires are a lot
more flexible than they appear. That’s
because you can always solder a
smaller wire to a larger contact. How-
ever, soldering a large wire to a small
contact isn’t recommended because of
size and current requirements.
What if several identical
connectors have different
functions?
Here’s a situation to watch out for. You
have four identical receptacles on a
panel. One carries high current loads.
The others have low current functions.
A plug mated with the wrong receptacle
(cross-mating) could ruin your valu-
able equipment.
To avoid cross-mating, you can
order identical inserts positioned in
both the plugs and receptacles at vari-
ous angles from standard. These varia-
tions from standard position are called
alternate
insert
positions,
and
are
described on page 12.
What kind of receptacle do
you need?
For Wall Mounting
Use a wall recep-
tacle, type 3100. The elongated back of
this receptacle extends through thick
wall material. It is threaded to accept
standard hardware fittings.
For Unmounted Applications
Use
the cable receptacle, type 3101.
For Box or Panel Mounting
Use the
box receptacle, type 3102. This recep-
tacle’s back is short to conserve space.
It is not threaded on the back end and
is used when no accessories such as
clamps are needed.
What kind of plug do you
need?
For ordinary situations
The straight
plug, type 3106 meets most connector
requirements. However . . .
when space is critical
you may want
to consider using an angle plug, type
3108. This type plug lets the cable
enter your equipment at a right angle.
Do you need a plug with a
Solid or Split back shell?
You can get both straight and angle
plugs in solid or split back shell
designs. With the solid shell you have
greater strength and you save space.
On the other hand, the split shell
design lets you quickly inspect the sol-
der terminals when you need to. This
feature could be important if you’ll be
subjecting the connector to rough han-
dling and heavy use.
The designation to use for solid
shell construction is the letter A. This
designation letter goes immediately
after the main shell type number: for
example, 3106A or 3108A.
The designation for split shell construc-
tion is the letter B; for example, 3106B
or 3108B.
Because of application, receptacles
are made in solid backshell construc-
tion only. Their designation is 3100A,
3101A. (See how to order for solder
contact connectors, page 19.
Which connector gets the
socket? - the receptacle or
the plug?
You’re at the point where you desig-
nate which inserts are used with which
shells. Either pin or socket inserts can
be used with plugs or receptacles.
Here’s a good rule of thumb. Order
the sockets for the connector at the
“hot” side of the circuit. By having sock-
ets at the power source, there’s little
chance that a wayward finger or screw-
driver will short the circuit or cause per-
sonal injury.
The designation for sockets is sim-
ply S in a part number, following the
insert code number. For pins, the des-
ignation is P. Therefore, the 20-7P
insert would have pin contacts, while
the 20-7S insert would have socket
contacts.
What type of plating is pre-
ferred?
If you prefer the standard olive cad-
mium, non-reflective, electrically con-
ductive finish, then no suffix number is
required. Other plating variations are
available,
including
environmentally
friendly zinc alloy. See how to order
instructions for the various plating fin-
ishes offered for 97 Series solder con-
nectors on page 19.
Do you need any
accessories?
Accessories - cable clamps, protection
caps and chains, conduit adapters, and
panel gaskets are shown on pages 33-
39.
* If an environmental type MIL-5015 E, F or R Class is required, then the
catalog that should be consulted is 12-020, MS/Standard MIL-5015
Cylindrical Connectors. See www.amphenol-industrial.com for on-line
catalogs or contact Amphenol, Sidney, NY.
** These steps are for solder type connectors which are described in
detail on pages 3-19. If a crimp type connector is needed, the same
steps apply, however, you should consult pages 20-29 for details on 97
Series connectors with crimp contacts.
1
2
3
4
5
6
7
8


Similar Part No. - 97-3100A-32-21PW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
97-3100A-14S-1P ETC1-97-3100A-14S-1P Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
97-3100A-14S-1S ETC1-97-3100A-14S-1S Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
97-3100A-14S-2P ETC1-97-3100A-14S-2P Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
97-3100A-14S-2S ETC1-97-3100A-14S-2S Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
97-3100A-14S-5P ETC1-97-3100A-14S-5P Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
More results

Similar Description - 97-3100A-32-21PW

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
7-8905 AMPHENOL-7-8905 Datasheet
1Mb / 45P
   Amphenol 97 Series Standard Cylindrical Connector
97-121-418R AMPHENOL-97-121-418R Datasheet
1Mb / 44P
   Amphenol 97 Series Standard Cylindrical Connector
97-4108B-28-21P621 AMPHENOL-97-4108B-28-21P621 Datasheet
4Mb / 44P
   Amphenol 97 Series Standard Cylindrical Connector
97121-420Y AMPHENOL-97121-420Y Datasheet
1Mb / 44P
   Amphenol 97 Series Standard Cylindrical Connector
217718 AMPHENOL-217718 Datasheet
2Mb / 38P
   Amphenol 97 Series Connectors
12-022-18
10-107620-4P AMPHENOL-10-107620-4P Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
10-69518-11S AMPHENOL-10-69518-11S Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
10-069522-19P AMPHENOL-10-069522-19P Datasheet
1Mb / 70P
   Amphenol QWL Series Cylindrical Connectors
MS3116F-18-32P AMPHENOL-MS3116F-18-32P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT06P-12-10S AMPHENOL-PT06P-12-10S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com