Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA06D4824A Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # SA06D4824A
Description  2W DC/DC CONVERTER, SMD-Package, High isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SA06D4824A Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  SA06D4824A Datasheet HTML 1Page - Delta Electronics, Inc. SA06D4824A Datasheet HTML 2Page - Delta Electronics, Inc. SA06D4824A Datasheet HTML 3Page - Delta Electronics, Inc. SA06D4824A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS_SG02S/D_07192012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P4
Part Numbering System
S
G
02
S
05
05
A
Form factor
Family series
Watt
Number of
Outputs
Input Voltage
Output Voltage
Option Code
D-DIP
A~Z
01:1W
S - Single
03:3.3V
03:3.3V
A - Std. Functions
P-SIP
02:2W
D- Dual
05: 5V
05: 5V
S-SMD
03:3W
12:12V
12:12V
04:4W
24: 24V
15: 15V
06:6W
48:48V
24: 24V
WARRANTY
Delta offers a three(3) years limited warranty. Complete warranty information is listed on our web site or is available upon request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor for any
infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or otherwise under
any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice.


Similar Part No. - SA06D4824A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA06 ETC-SA06 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-12S ETC-SA06-24-12S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-15S ETC-SA06-24-15S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-24S ETC-SA06-24-24S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
More results

Similar Description - SA06D4824A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DK02S DELTA-DK02S Datasheet
318Kb / 4P
   2W DC/DC CONVERTER, DIP Package, High Isolation
DC02S DELTA-DC02S Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DC02S0505A DELTA-DC02S0505A Datasheet
200Kb / 5P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MSLU400 MINMAX-MSLU400_15 Datasheet
605Kb / 6P
   DC/DC CONVERTER 2W, SMD-Package
MSDW1000 MINMAX-MSDW1000_15 Datasheet
716Kb / 5P
   DC/DC CONVERTER 2W, SMD-Package
MSCWI02 MINMAX-MSCWI02 Datasheet
974Kb / 5P
   DC/DC CONVERTER 2W, SMD Package
MSAU400 MINMAX-MSAU400_15 Datasheet
434Kb / 4P
   DC/DC CONVERTER 2W, SMD-Package
logo
Delta Electronics, Inc.
SC02S DELTA-SC02S Datasheet
238Kb / 4P
   2W DC/DC CONVERTER, SMD-Package
logo
Mean Well Enterprises C...
SFTN02 MEANWELL-SFTN02 Datasheet
185Kb / 5P
   2W SMD Package DC-DC Unregulated Converter
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300_15 Datasheet
287Kb / 5P
   DC/DC CONVERTER 1W, High Isolation,SMD-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com