Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA02S1203A Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # PA02S1203A
Description  2W DC/DC CONVERTER, SIP-Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PA02S1203A Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  PA02S1203A Datasheet HTML 1Page - Delta Electronics, Inc. PA02S1203A Datasheet HTML 2Page - Delta Electronics, Inc. PA02S1203A Datasheet HTML 3Page - Delta Electronics, Inc. PA02S1203A Datasheet HTML 4Page - Delta Electronics, Inc. PA02S1203A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS_PG02S_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Mechancial Drawing
Mechanical Dimensions
Pin Connections
Pin
Function
1
-Vin
2
+Vin
3
Remote On/Off
5
NC
6
+Vout
7
-Vout
8
NC
NC: No Connection
All dimensions in mm (inches)
Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.01)
Pins ±0.1(±0.004)
Physical
Case Size
:
21.8x9.3x11.2
mm
(0.86x0.37x0.44
inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Weight
:
4.8g
P4
2.00
[0.08]
2X2.54
[2X0.10]
5.08
[0.20]
[3X0.10]
3X2.54
0.5
[0.02]
21.8 [0.86]
20.8 [0.82]
0.50
[0.02]
Bottom View
1
2
3
5
6
7
8


Similar Part No. - PA02S1203A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PA02S1203A DELTA-PA02S1203A Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
PA02S1203A DELTA-PA02S1203A Datasheet
210Kb / 5P
   1W DC/DC CONVERTER, SIP-Package, High Efficiency
PA02S1203A DELTA-PA02S1203A Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
PA02S1203A DELTA-PA02S1203A Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
PA02S1203A DELTA-PA02S1203A Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
More results

Similar Description - PA02S1203A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PC02S DELTA-PC02S Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MCWI02 MINMAX-MCWI02_16 Datasheet
635Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Delta Electronics, Inc.
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_16 Datasheet
665Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
MCW1000 MINMAX-MCW1000_16 Datasheet
565Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Mean Well Enterprises C...
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
MDS02 MEANWELL-MDS02 Datasheet
95Kb / 5P
   2W SIP Package DC-DC Medical Grade Unregulated Converter
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_13 Datasheet
511Kb / 4P
   DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MCWI02 MINMAX-MCWI02 Datasheet
649Kb / 3P
   DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
MCW1000 MINMAX-MCW1000 Datasheet
603Kb / 4P
   DC/DC CONVERTER 2W High Power Density in SIP-8 Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com