Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T48SR3R307PNFA Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # T48SR3R307PNFA
Description  Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules:
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

T48SR3R307PNFA Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  T48SR3R307PNFA Datasheet HTML 1Page - Delta Electronics, Inc. T48SR3R307PNFA Datasheet HTML 2Page - Delta Electronics, Inc. T48SR3R307PNFA Datasheet HTML 3Page - Delta Electronics, Inc. T48SR3R307PNFA Datasheet HTML 4Page - Delta Electronics, Inc. T48SR3R307PNFA Datasheet HTML 5Page - Delta Electronics, Inc. T48SR3R307PNFA Datasheet HTML 6Page - Delta Electronics, Inc. T48SR3R307PNFA Datasheet HTML 7Page - Delta Electronics, Inc. T48SR3R307PNFA Datasheet HTML 8Page - Delta Electronics, Inc. T48SR3R307PNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DS_ T48SR3R307_10162012
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 8: Output voltage response to step-change in load
current (75%-50% of Io, max; di/dt =1A/µs). Load cap: 400µF,
ceramic capacitor. Top Trace: Vout (100mV/div,200us/div);
Bottom Trace: output current(1.5A/div, 200us/div)
Figure 9: Output voltage response to step-change in load
current (50%-75% of Io, max; di/dt =1A/µs). Load cap: 400µF
ceramic capacitor. Top Trace: Vout (100mV/div,200us/div);
Bottom Trace: output current(1.5A/div, 200us/div)
Figure 10: Test set-up diagram showing measurement points
for Input Terminal Ripple Current and Input Reflected Ripple
Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 µH. Capacitor Cs offset
possible battery impedance. Measure current as shown above.
Figure 11: Top trace: Input Terminal Ripple Current, ic, at full
rated output current and nominal input voltage with 12µH
source impedance and 100µF electrolytic capacitor (2A/div,
2us/div), Setup is shown in Figure 10 top picture.
Bottom trace: Input Terminal Ripple Current, ic, at full rated
output current and nominal input voltage with 12µH source
impedance and 100µF electrolytic capacitor (2A/div,2us/div),
Setup is shown in Figure 10 bottom picture, there is
one 1uH
inductor in front of module input side.


Similar Part No. - T48SR3R307PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
T48SR3R307 DELTA-T48SR3R307 Datasheet
433Kb / 12P
   UL/cUL 60950-1 (US & Canada) recognized
T48SR3R307NNFA DELTA-T48SR3R307NNFA Datasheet
439Kb / 12P
   Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules: 36~75V in, 5V/5A out, 25W
T48SR3R307NNFA DELTA-T48SR3R307NNFA Datasheet
439Kb / 12P
   Fixed frequency operation
T48SR3R307NNFA DELTA-T48SR3R307NNFA Datasheet
433Kb / 12P
   UL/cUL 60950-1 (US & Canada) recognized
More results

Similar Description - T48SR3R307PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
T48SR05005NNFA DELTA-T48SR05005NNFA Datasheet
439Kb / 12P
   Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules: 36~75V in, 5V/5A out, 25W
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Delta Electronics, Inc.
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com