Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T48SR3R307PNFA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # T48SR3R307PNFA
Description  Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules:
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

T48SR3R307PNFA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button T48SR3R307PNFA Datasheet HTML 3Page - Delta Electronics, Inc. T48SR3R307PNFA Datasheet HTML 4Page - Delta Electronics, Inc. T48SR3R307PNFA Datasheet HTML 5Page - Delta Electronics, Inc. T48SR3R307PNFA Datasheet HTML 6Page - Delta Electronics, Inc. T48SR3R307PNFA Datasheet HTML 7Page - Delta Electronics, Inc. T48SR3R307PNFA Datasheet HTML 8Page - Delta Electronics, Inc. T48SR3R307PNFA Datasheet HTML 9Page - Delta Electronics, Inc. T48SR3R307PNFA Datasheet HTML 10Page - Delta Electronics, Inc. T48SR3R307PNFA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DS_ T48SR3R307_10162012
7
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the
DC/DC power modules will interact with the modules
and affect the stability. A low ac-impedance input source
is recommended. If the source inductance is more than
a few µH, we advise adding a 100µF electrolytic
capacitor mounted close to the input of the module to
improve the stability.
Module internal input filter is only one 1uF ceramic cap,
not L-C filter or Pi filter, so the external input cap ESR
loss need be paid more attention. A external inductor
(1uH) placed in front of module can decrease ESR loss
of the external input cap.
Layout and EMC Considerations
Delta’s DC/DC power modules are designed to operate
in a wide variety of systems and applications. For design
assistance with EMC compliance and related PWB
layout issues, please contact Delta’s technical support
team. An external input filter module is available for
easier EMC compliance design. Below is the reference
design for an input filter tested with T48SR3R307XXXX
to meet EN55022 (VDE0878) class A(both q. peak and
average)
Schematic and Components List
Figure 16 : Capacitive and inductive EMI Filter
C1=47uF /100 V(Low ESR)
C2=C3= 47 uF/100 V(Low ESR)
C4=C5=2200pF
T1=0.59mH type P0353 (Pulse)
Test Result:
At T = +25
°C , Vin = 48 V and Io=7.5 A
Blue line is quasi peak mode; Green line is average
mode.
Figure 17: EMI test negative line @ T = +25
°C and Vin = 48 V
Figure 18: EMI test positive line @ T = +25
°C and Vin = 48 V
Safety Considerations
The power module must be installed in compliance with the
spacing and separation requirements of the end-user’s
safety agency standard, i.e., UL60950-1, CSA C22.2 NO.
60950-1 2nd and IEC 60950-1 2nd : 2005 and EN 60950-1
2nd: 2006+A11+A1: 2010, if the system in which the power
module is to be used must meet safety agency
requirements.
Basic insulation based on 75 Vdc input is provided between
the input and output of the module for the purpose of
applying insulation requirements when the input to this
DC-to-DC converter is identified as TNV-2 or SELV. An
additional evaluation is needed if the source is other than
TNV-2 or SELV.
When the input source is SELV circuit, the power module
meets SELV (safety extra-low voltage) requirements. If the
input source is a hazardous voltage which is greater than 60
Vdc and less than or equal to 75 Vdc, for the module’s output
to meet SELV requirements, all of the following must be met:


Similar Part No. - T48SR3R307PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
T48SR3R307 DELTA-T48SR3R307 Datasheet
433Kb / 12P
   UL/cUL 60950-1 (US & Canada) recognized
T48SR3R307NNFA DELTA-T48SR3R307NNFA Datasheet
439Kb / 12P
   Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules: 36~75V in, 5V/5A out, 25W
T48SR3R307NNFA DELTA-T48SR3R307NNFA Datasheet
439Kb / 12P
   Fixed frequency operation
T48SR3R307NNFA DELTA-T48SR3R307NNFA Datasheet
433Kb / 12P
   UL/cUL 60950-1 (US & Canada) recognized
More results

Similar Description - T48SR3R307PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
T48SR05005NNFA DELTA-T48SR05005NNFA Datasheet
439Kb / 12P
   Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules: 36~75V in, 5V/5A out, 25W
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
Q48SQ12018NRFH DELTA-Q48SQ12018NRFH Datasheet
729Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules
Q48SQ12025NRFH DELTA-Q48SQ12025NRFH Datasheet
716Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules:
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
E48SC12005NNFA DELTA-E48SC12005NNFA_14 Datasheet
646Kb / 16P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules
E48SR1R225NRFA DELTA-E48SR1R225NRFA_14 Datasheet
877Kb / 16P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules
logo
Future Technology Devic...
E48SH FTDI-E48SH Datasheet
568Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules
logo
Delta Electronics, Inc.
Q48SA52001NNFA DELTA-Q48SA52001NNFA_14 Datasheet
372Kb / 13P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com