Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SP05007NNFA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # S48SP05007NNFA
Description  Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SP05007NNFA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button S48SP05007NNFA Datasheet HTML 3Page - Delta Electronics, Inc. S48SP05007NNFA Datasheet HTML 4Page - Delta Electronics, Inc. S48SP05007NNFA Datasheet HTML 5Page - Delta Electronics, Inc. S48SP05007NNFA Datasheet HTML 6Page - Delta Electronics, Inc. S48SP05007NNFA Datasheet HTML 7Page - Delta Electronics, Inc. S48SP05007NNFA Datasheet HTML 8Page - Delta Electronics, Inc. S48SP05007NNFA Datasheet HTML 9Page - Delta Electronics, Inc. S48SP05007NNFA Datasheet HTML 10Page - Delta Electronics, Inc. S48SP05007NNFA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DS_S48SP05007_10252013
7
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the
DC/DC power modules will interact with the modules
and affect the stability. A low ac-impedance input source
is recommended. If the source inductance is more than
a few µH, we advise adding a 10 to 100 µF electrolytic
capacitor (ESR < 0.7 Ω at 100 kHz) mounted close to
the input of the module to improve the stability.
Layout and EMC Considerations
Delta’s DC/DC power modules are designed to operate
in a wide variety of systems and applications. For design
assistance with EMC compliance and related PWB
layout issues, please contact Delta’s technical support
team. An external input filter module is available for
easier EMC compliance design. Application notes to
assist designers in addressing these issues are pending
to release.
Safety Considerations
The power module must be installed in compliance with
the spacing and separation requirements of the
end-user’s safety agency standard, i.e., UL60950-1,
CSA C22.2 NO. 60950-1 2nd and IEC 60950-1 2nd :
2005 and EN 60950-1 2nd: 2006+A11+A1: 2010, if the
system in which the power module is to be used must
meet safety agency requirements.
Basic insulation based on 75 Vdc input is provided
between the input and output of the module for the
purpose of applying insulation requirements when the
input to this DC-to-DC converter is identified as TNV-2
or SELV.
An additional evaluation is needed if the
source is other than TNV-2 or SELV.
When the input source is SELV circuit, the power
module
meets
SELV
(safety
extra-low
voltage)
requirements. If the input source is a hazardous voltage
which is greater than 60 Vdc and less than or equal to
75 Vdc, for the module’s output to meet SELV
requirements, all of the following must be met:
The input source must be insulated from the ac
mains by reinforced or double insulation.
The input terminals of the module are not operator
accessible.
A SELV reliability test is conducted on the system
where the module is used, in combination with the
module, to ensure that under a single fault,
hazardous voltage does not appear at the module’s
output.
When installed into a Class II equipment (without
grounding), spacing consideration should be given to
the end-use installation, as the spacing between the
module and mounting surface have not been evaluated.
The power module has extra-low voltage (ELV) outputs
when all inputs are ELV.
This power module is not internally fused. To achieve
optimum safety and system protection, an input line fuse
is highly recommended. The safety agencies require a
fuse with 3A maximum rating to be installed in the
ungrounded lead. A lower rated fuse can be used based
on the maximum inrush transient energy and maximum
input current.
Soldering and Cleaning Considerations
Post solder cleaning is usually the final board assembly
process before the board or system undergoes electrical
testing. Inadequate cleaning and/or drying may lower
the reliability of a power module and severely affect the
finished circuit board assembly test. Adequate cleaning
and/or
drying
is
especially
important
for
un-encapsulated and/or open frame type power
modules. For assistance on appropriate soldering and
cleaning procedures, please contact Delta’s technical
support team.


Similar Part No. - S48SP05007NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP05007NRFA DELTA-S48SP05007NRFA Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
448Kb / 14P
   SMD and Through-hole versions
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   UL/cUL 60950 (US & Canada) recognized
More results

Similar Description - S48SP05007NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP3R310NRFB DELTA-S48SP3R310NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
E48SR12007 DELTA-E48SR12007 Datasheet
893Kb / 14P
   Delphi Series E48SR12007, 84W Eighth Brick DC/DC Power Modules: 48V in, 12V/7A out
S36SE05003NRFA DELTA-S36SE05003NRFA Datasheet
728Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
V48SH1R840NNFA DELTA-V48SH1R840NNFA Datasheet
472Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 5V, 17A out
E48SH05020NRFA DELTA-E48SH05020NRFA Datasheet
879Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SH05020 DELTA-E48SH05020 Datasheet
806Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/20A out
E48SC05015NRFA DELTA-E48SC05015NRFA Datasheet
471Kb / 15P
   Delphi Series E48SC05015, 75W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/15A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com