Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SP3R310NNFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # S48SP3R310NNFA
Description  Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SP3R310NNFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  S48SP3R310NNFA Datasheet HTML 1Page - Delta Electronics, Inc. S48SP3R310NNFA Datasheet HTML 2Page - Delta Electronics, Inc. S48SP3R310NNFA Datasheet HTML 3Page - Delta Electronics, Inc. S48SP3R310NNFA Datasheet HTML 4Page - Delta Electronics, Inc. S48SP3R310NNFA Datasheet HTML 5Page - Delta Electronics, Inc. S48SP3R310NNFA Datasheet HTML 6Page - Delta Electronics, Inc. S48SP3R310NNFA Datasheet HTML 7Page - Delta Electronics, Inc. S48SP3R310NNFA Datasheet HTML 8Page - Delta Electronics, Inc. S48SP3R310NNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Delphi Series S48SP, 35W 1x1 Brick
DC/DC Power Modules: 48V in, 3.3V/10A out
The Delphi Series S48SP, 1x1 Brick, 48V input, single output,
isolated DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics, Inc.
This product family is available in a surface mount or through-hole
package and provides up to 35 watts of power or 10A of output current
(3.3V and below) in a new 1x1 form factor (1.30”x0.96”x0.33”). The
pinout is compatible with the industry standard 1x2 products. With
creative design technology and optimization of component placement,
these
converters
possess
outstanding
electrical
and
thermal
performance, as well as extremely high reliability under highly stressful
operating conditions. Typical efficiency of the 3.3V/10A module is better
than 90%. All modules are fully protected from abnormal input/output
voltage, current, and temperature conditions.
OPTIONS
SMD module available
Remote On/Off
OTP and Output OVP, OCP mode,
Auto-restart (default) or latch-up
Short pin lengths
Encapsulated case optional
FEATURES
High efficiency: 90% @ 3.3V/10A
Industry standard 1x2 pinout
Size: 33.0 x 24.4 x 8.55mm
(1.30”x0.96”x0.34”)
SMD and Through-hole versions
Fixed frequency operation
Input UVLO, OVP
OTP and output OCP, OVP (default is
auto-restart)
Monotonic startup into normal and
pre-biased loads
2250V isolation and basic insulation
No minimum load required
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing
facility
UL/cUL 60950 (US & Canada) recognized
DATASHEET
DS_S48SP3R310_10252013
APPLICATIONS
Optical Transport
Data Networking
Communications, including Wireless and
traditional Telecom
Servers


Similar Part No. - S48SP3R310NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP3R310NNFA DELTA-S48SP3R310NNFA Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
More results

Similar Description - S48SP3R310NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP3R310 DELTA-S48SP3R310 Datasheet
677Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
H48SV3R310 DELTA-H48SV3R310 Datasheet
667Kb / 14P
   Delphi Series H48SV, 150W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/10A out
E48SC3R320NRFA DELTA-E48SC3R320NRFA Datasheet
539Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SC3R315NRFA DELTA-E48SC3R315NRFA Datasheet
538Kb / 15P
   Delphi Series E48SC, Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/15A out
E48SH12010NRFA DELTA-E48SH12010NRFA Datasheet
549Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
E48SH12010 DELTA-E48SH12010 Datasheet
787Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/10A out
S36SE3R305NRFB DELTA-S36SE3R305NRFB Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE3R305NRFA DELTA-S36SE3R305NRFA Datasheet
652Kb / 13P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com