Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA03D2403A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DA03D2403A
Description  1W DC/DC CONVERTER, SMD-Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DA03D2403A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DA03D2403A Datasheet HTML 1Page - Delta Electronics, Inc. DA03D2403A Datasheet HTML 2Page - Delta Electronics, Inc. DA03D2403A Datasheet HTML 3Page - Delta Electronics, Inc. DA03D2403A Datasheet HTML 4Page - Delta Electronics, Inc. DA03D2403A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SH01S/D Series
1W DC/DC CONVERTER, SMD-Package
DS_SH01S/D_02182013
E-mail: DCDC@delta.com.tw
http:// www.deltaww.com/dcdc
P1
FEATURES
Efficiecny up to 80%
SMD Package with Industry Standard Pinout
Operating Temperature Range –40°C to +85°C
Moisture sensitivity level (MSL) 2
Isolation Voltage 1500 VDC
High Accuracy of Pin Planarity
Lead free, RoHs Compliant
3 Years Product Warranty
The SH01S/D series is miniature, SMD Package, isolated 1W DC/DC converters with 1,500VDC isolation. It allows a wide operating
temperature range of –40°C to +85°C. These isolated DC/DC converters are the latest offering from a world leader in power systems
technology and manufacturing ― Delta Electronics, In
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
SH01S0503A
3.3
300
6
271
10
73
SH01S0505A
5
200
4
256
10
78
SH01S0509A
9
110
2
254
10
78
SH01S0512A
12
84
1.5
259
8
78
SH01S0515A
15
67
1
254
7
33
79
SH01D0505A
±5
±100
±2
270
10
74
SH01D0512A
±12
±42
±0.8
259
8
78
SH01D0515A
5
(4.5 ~ 5.5)
±15
±33
±0.7
254
30
7
33*
78
SH01S1203A
3.3
300
6
112
8
74
SH01S1205A
5
200
4
109
8
76
SH01S1209A
9
110
2
106
8
78
SH01S1212A
12
84
1.5
106
5
79
SH01S1215A
15
67
1
105
5
33
80
SH01D1205A
±5
±100
±2
113
8
74
SH01D1212A
±12
±42
±0.8
108
5
78
SH01D1215A
12
(10.8 ~ 13.2)
±15
±33
±0.7
104
15
5
33*
79
SH01S1512A
12
84
1.5
86
5
78
SH01S1515A
15
(13.5 ~ 16.5)
15
67
1
86
14
5
33
78
SH01S2403A
3.3
300
6
58
8
72
SH01S2405A
5
200
4
54
8
78
SH01S2409A
9
110
2
54
8
77
SH01S2412A
12
84
1.5
55
5
77
SH01S2415A
15
67
1
53
8
5
33
79
SH01D2405A
±5
±100
±2
57
8
73
SH01D2412A
±12
±42
±0.8
54
5
78
SH01D2415A
24
(21.6 ~ 26.4)
±15
±33
±0.7
53
9
5
33*
78
* For each output


Similar Part No. - DA03D2403A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DA03D2403A DELTA-DA03D2403A Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA03D2403A DELTA-DA03D2403A Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DA03D2403A DELTA-DA03D2403A Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
DA03D2403A DELTA-DA03D2403A Datasheet
241Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
DA03D2403A DELTA-DA03D2403A Datasheet
234Kb / 4P
   1W DC/DC CONVERTER, SMD-Package, High Isolation
More results

Similar Description - DA03D2403A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SA01D DELTA-SA01D Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100_15 Datasheet
644Kb / 6P
   DC/DC CONVERTER 1W, SMD-Package
MSAU100 MINMAX-MSAU100_15 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
MSAU200 MINMAX-MSAU200_15 Datasheet
654Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SA01D DELTA-SA01D_14 Datasheet
335Kb / 7P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSPU01H MINMAX-MSPU01H_15 Datasheet
803Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SA01S DELTA-SA01S Datasheet
241Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSCW01 MINMAX-MSCW01_15 Datasheet
551Kb / 5P
   DC/DC CONVERTER 1W, SMD Package
logo
Mean Well Enterprises C...
SFTN01 MEANWELL-SFTN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
DETN01 MEANWELL-DETN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com