Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S36SE05003ENFA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # S36SE05003ENFA
Description  Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S36SE05003ENFA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  S36SE05003ENFA Datasheet HTML 1Page - Delta Electronics, Inc. S36SE05003ENFA Datasheet HTML 2Page - Delta Electronics, Inc. S36SE05003ENFA Datasheet HTML 3Page - Delta Electronics, Inc. S36SE05003ENFA Datasheet HTML 4Page - Delta Electronics, Inc. S36SE05003ENFA Datasheet HTML 5Page - Delta Electronics, Inc. S36SE05003ENFA Datasheet HTML 6Page - Delta Electronics, Inc. S36SE05003ENFA Datasheet HTML 7Page - Delta Electronics, Inc. S36SE05003ENFA Datasheet HTML 8Page - Delta Electronics, Inc. S36SE05003ENFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS_S36SE05003_10252013
4
ELECTRICAL CHARACTERISTICS CURVES (CON.)
Figure 7: (For positive remote on/off logic)Turn-on transient at zero
load current (5 ms/div). Vin=48V. Top Trace: Vout, 2V/div; Bottom
Trace: ON/OFF input, 5V/div.
Figure 8: Output voltage response to step-change in load current
(75%-50% of Io, max; di/dt = 0.1A/µs). Load cap: 10µF tantalum
capacitor and 1µF ceramic capacitor. Top Trace: Vout (200mV/div,
100us/div), Bottom Trace: Iout (1A/div). Scope measurement
should be made using a BNC cable (length shorter than 20
inches). Position the load between 51 mm to 76 mm (2 inches to 3
inches) from the module.
Figure 9: Output voltage response to step-change in load current
(50%-75% of Io, max; di/dt = 0.1A/µs). Load cap: 10µF tantalum
capacitor and 1µF ceramic capacitor. Top Trace: Vout (200mV/div,
100us/div), Bottom Trace: Iout (1A/div). Scope measurement
should be made using a BNC cable (length shorter than 20 inches).
Position the load between 51 mm to 76 mm (2 inches to 3 inches)
from the module.
Figure 10: Test set-up diagram showing measurement points for
Input Terminal Ripple Current and Input Reflected Ripple Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 μH. Capacitor Cs offset possible
battery impedance. Measure current as shown below.


Similar Part No. - S36SE05003ENFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE05003 DELTA-S36SE05003 Datasheet
205Kb / 3P
   17W Single output DC/DC Converter
S36SE05003 DELTA-S36SE05003 Datasheet
204Kb / 4P
   17W Single output DC/DC Converter
S36SE05003NDFG DELTA-S36SE05003NDFG Datasheet
205Kb / 3P
   17W Single output DC/DC Converter
S36SE05003NKFG DELTA-S36SE05003NKFG Datasheet
205Kb / 3P
   17W Single output DC/DC Converter
S36SE05003NNFG DELTA-S36SE05003NNFG Datasheet
205Kb / 3P
   17W Single output DC/DC Converter
More results

Similar Description - S36SE05003ENFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE3R305NRFB DELTA-S36SE3R305NRFB Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE3R305NRFA DELTA-S36SE3R305NRFA Datasheet
652Kb / 13P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE3R305NRFB DELTA-S36SE3R305NRFB_14 Datasheet
621Kb / 15P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12001ERFF DELTA-S36SE12001ERFF_14 Datasheet
563Kb / 16P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12002PRFZ DELTA-S36SE12002PRFZ Datasheet
699Kb / 14P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules: 36~75V in, 12V/2A out
S36SE12002PRFZ DELTA-S36SE12002PRFZ_14 Datasheet
631Kb / 15P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules
E36SR05015 DELTA-E36SR05015 Datasheet
768Kb / 14P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 5V/15A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com