Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S36SE05003ENFA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # S36SE05003ENFA
Description  Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 5V/3A out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S36SE05003ENFA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button S36SE05003ENFA Datasheet HTML 5Page - Delta Electronics, Inc. S36SE05003ENFA Datasheet HTML 6Page - Delta Electronics, Inc. S36SE05003ENFA Datasheet HTML 7Page - Delta Electronics, Inc. S36SE05003ENFA Datasheet HTML 8Page - Delta Electronics, Inc. S36SE05003ENFA Datasheet HTML 9Page - Delta Electronics, Inc. S36SE05003ENFA Datasheet HTML 10Page - Delta Electronics, Inc. S36SE05003ENFA Datasheet HTML 11Page - Delta Electronics, Inc. S36SE05003ENFA Datasheet HTML 12Page - Delta Electronics, Inc. S36SE05003ENFA Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS_S36SE05003_10252013
9
FEATURES DESCRIPTIONS (CON.)
Output Voltage Adjustment
To increase or decrease the output voltage set point,
the modules may be connected with an external
resistor between the TRIM pin and either the Vo(+) or
Vo(-). The TRIM pin should be left open if this feature
is not used.
R
Load
Vo (+)
Trim
Vo (-)
R
trim-down
Vi (+)
Vi (-)
ON/OFF
R
Load
Vo (+)
Trim
Vo (-)
R
trim-down
Vi (+)
Vi (-)
ON/OFF
Vo (+)
Trim
Vo (-)
R
trim-down
Vi (+)
Vi (-)
ON/OFF
Figure 17: Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the TRIM
and Vo(+) pins, the output voltage set point decreases
(Fig. 17). The external resistor value required to obtain
an output voltage change from 5V to the desired
Vo_adj is defined as:
R trim_down
Vo_adj
2.5
(
) 5110
5
Vo_adj
2050
Ex. When Trim-down -10%
Vo_adj=5V×(1-10%)=4.5V
R trim_down
4.5
2.5
(
) 5110
5
4.5
2050
Rtri m_down
1.839
10
4
ohm
Vo (+)
Trim
Vo (-)
R
Load
R
trim-up
Vi (+)
Vi (-)
ON/OFF
Vo (+)
Trim
Vo (-)
R
Load
R
trim-up
Vi (+)
Vi (-)
ON/OFF
Figure 18: Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and Vo(-) the output voltage set point increases (Fig.
18). The external resistor value required to obtain an
output voltage change from 5V to the desired Vo_adj is
defined as:
R trim_up
2.5 5110
Vo_adj
5
2050
Ex. When Trim-up +10%
Vo_adj=5V×(1+10%)=5.5V
R trim_up
2.5 5110
5.5
5
2050
Rtrim_up
2.35
10
4
ohm
When using trim function, the output voltage of the
module is usually increased, which increases the power
output of the module with the same output current.
Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power.


Similar Part No. - S36SE05003ENFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE05003 DELTA-S36SE05003 Datasheet
205Kb / 3P
   17W Single output DC/DC Converter
S36SE05003 DELTA-S36SE05003 Datasheet
204Kb / 4P
   17W Single output DC/DC Converter
S36SE05003NDFG DELTA-S36SE05003NDFG Datasheet
205Kb / 3P
   17W Single output DC/DC Converter
S36SE05003NKFG DELTA-S36SE05003NKFG Datasheet
205Kb / 3P
   17W Single output DC/DC Converter
S36SE05003NNFG DELTA-S36SE05003NNFG Datasheet
205Kb / 3P
   17W Single output DC/DC Converter
More results

Similar Description - S36SE05003ENFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S36SE3R305NRFB DELTA-S36SE3R305NRFB Datasheet
691Kb / 14P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE3R305NRFA DELTA-S36SE3R305NRFA Datasheet
652Kb / 13P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules: 18~75V in, 3.3V/5A out
S36SE3R305NRFB DELTA-S36SE3R305NRFB_14 Datasheet
621Kb / 15P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12001ERFF DELTA-S36SE12001ERFF_14 Datasheet
563Kb / 16P
   Delphi S36SE, 17W 1x1 Brick Series DC/DC Power Modules
S36SE12002PRFZ DELTA-S36SE12002PRFZ Datasheet
699Kb / 14P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules: 36~75V in, 12V/2A out
S36SE12002PRFZ DELTA-S36SE12002PRFZ_14 Datasheet
631Kb / 15P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules
E36SR05015 DELTA-E36SR05015 Datasheet
768Kb / 14P
   Delphi Series E36SR, 75W Eighth Brick Family DC/DC Power Modules: 18~75V in, 5V/15A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com