Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DH04D1203A Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DH04D1203A
Description  1W DC/DC CONVERTER, SMD-Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DH04D1203A Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DH04D1203A Datasheet HTML 1Page - Delta Electronics, Inc. DH04D1203A Datasheet HTML 2Page - Delta Electronics, Inc. DH04D1203A Datasheet HTML 3Page - Delta Electronics, Inc. DH04D1203A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS_SA01D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Mechancial Drawing
Mechanical Dimensions (5V & 12V Input)
Connecting Pin Patterns
Mechanical Dimensions (24V Input)
Pin Connections
Pin
Function
1
-Vin
2
+Vin
3
NA
4
Common
5
-Vout
6
NA
7
+Vout
8
NA
9
NA
10
NA
NA : Not Available for Electrical Connection
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05 (±0.002)
Physical Outline
Case Size (5V&12V Input)
:
15.24x8.0x6.8mm (0.60x0.31x0.27 Inches)
Case Size (24V Input)
:
15.24 x8.3x7.8mm (0.60x0.33x0.31 Inches)
Case Material
:
Molding (flammability to UL 94V-0 rated)
Weight (5V&12V Input)
:
1.8g
Weight (24V Input)
:
2.2g
P3
12
3
5
10 9
8
6
9.0 [0.35]
7.4 [0.29]
S SEATING PLANE
( Magnification of A )
15.24 [0.6]
[0.1]
2.54
0.60 [0.02]
4
7
[0.4]
10.16
0.15 S
15.3 [0.6]
0.60 [0.02]
1
23
4
10 9
8
7
[0.1]
2.54
[0.4]
10.16
5
6
9.2 [0.36]
7.0 [0.28]
A
S SEATING PLANE
0.15 S
( Magnification of A )
1.7 [0.07]
10.16 [0.40]
10.8 [0.43]
2.54 [0.10]
1.0 [0.04]


Similar Part No. - DH04D1203A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DH04D1203A DELTA-DH04D1203A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH04D1203A DELTA-DH04D1203A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH04D1203A DELTA-DH04D1203A Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
DH04D1203A DELTA-DH04D1203A Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH04D1203A DELTA-DH04D1203A Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
More results

Similar Description - DH04D1203A

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100_15 Datasheet
644Kb / 6P
   DC/DC CONVERTER 1W, SMD-Package
MSAU100 MINMAX-MSAU100_15 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
MSAU200 MINMAX-MSAU200_15 Datasheet
654Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SH01S DELTA-SH01S Datasheet
208Kb / 5P
   1W DC/DC CONVERTER, SMD-Package
SA01D DELTA-SA01D_14 Datasheet
335Kb / 7P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSPU01H MINMAX-MSPU01H_15 Datasheet
803Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SA01S DELTA-SA01S Datasheet
241Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSCW01 MINMAX-MSCW01_15 Datasheet
551Kb / 5P
   DC/DC CONVERTER 1W, SMD Package
logo
Mean Well Enterprises C...
SFTN01 MEANWELL-SFTN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
DETN01 MEANWELL-DETN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com