Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA01S0303A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # PA01S0303A
Description  1W DC/DC CONVERTER, SIP-Package, High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PA01S0303A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  PA01S0303A Datasheet HTML 1Page - Delta Electronics, Inc. PA01S0303A Datasheet HTML 2Page - Delta Electronics, Inc. PA01S0303A Datasheet HTML 3Page - Delta Electronics, Inc. PA01S0303A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PF01S Sries
1W DC/DC CONVERTER, SIP-Package, High Isolation
DS_PF01S_07052012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 88%
SIP Package with Industry Standard Pinout
Semi-regulated Output Voltage
High Isolation Voltage 3000VDC
UL/IEC/EN 60950-1 Safety
Operating Temperature Range –40°C to +85°C
Lead free, RoHs Compliant
>2 MHours MTBF
CSA / NRTL60950-1 safety approval
3 Years Product Warranty
The PF01S series are miniature, SIP Package, isolated 1W DC/DC converters with 3,000VDC isolation. It offers short circuit
protection and allows a wide operating temperature range of –40°C to +85°C. These products provide a typical load regulation of
3.5% to 5.5% depending on each model. The PF01S/D DC/DC converters are a compromise between a fully regulated converter
and a non-regulated converter . These isolated DCDC converters are the latest offering from a world leader in power systems
technology and manufacturing ― Delta Electronics, Inc
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load @No Load
Load
Regulation
Reflected
Ripple
Max. capacitive
Load
@Max.Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
mA(typ.)
uF
%
PF01S0505A
5
200
4
238
6.2
84
PF01S0509A
9
110
2
229
5.5
86.5
PF01S0512A
12
84
1.5
231
5.5
87
PF01S0515A
5
(4.5 ~ 5.5)
15
67
1
230
30
5
11
220
87.5
PF01S1205A
5
200
4
99
5
84
PF01S1209A
9
110
2
96
3.3
86
PF01S1212A
12
84
1.5
95
3.6
88
PF01S1215A
12
(10.8 ~ 13.2)
15
67
1
95
12
2.9
5
220
88
PF01S2405A
5
200
4
50
5
84
PF01S2409A
9
110
2
48
3.5
86.5
PF01S2412A
12
84
1.5
48
3.5
87.5
PF01S2415A
24
(21.6 ~ 26.4)
15
67
1
48
11
3
4.7
220
87.5


Similar Part No. - PA01S0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PA01S0303A DELTA-PA01S0303A Datasheet
199Kb / 3P
   PA01S series 1W DC/DC Converter, SIP-Package
PA01S0303A DELTA-PA01S0303A Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
PA01S0303A DELTA-PA01S0303A Datasheet
210Kb / 5P
   1W DC/DC CONVERTER, SIP-Package, High Efficiency
PA01S0303A DELTA-PA01S0303A Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
PA01S0303A DELTA-PA01S0303A Datasheet
208Kb / 4P
   2W DC/DC CONVERTER, SIP-Package, 4:1 Ultra Wide Input Range
More results

Similar Description - PA01S0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
PD01S DELTA-PD01S Datasheet
207Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
logo
Minmax Technology Co., ...
MAPU01H MINMAX-MAPU01H Datasheet
690Kb / 3P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
MAU200 MINMAX-MAU200_16 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S_14 Datasheet
248Kb / 6P
   1W DC/DC CONVERTER, High isolation, SIP-Package
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com