Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMLL4148L115 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMLL4148L115
Description  High-speed switching diodes Rev. 8 ??1 February 2011
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMLL4148L115 Datasheet(HTML) 5 Page - NXP Semiconductors

  PMLL4148L115 Datasheet HTML 1Page - NXP Semiconductors PMLL4148L115 Datasheet HTML 2Page - NXP Semiconductors PMLL4148L115 Datasheet HTML 3Page - NXP Semiconductors PMLL4148L115 Datasheet HTML 4Page - NXP Semiconductors PMLL4148L115 Datasheet HTML 5Page - NXP Semiconductors PMLL4148L115 Datasheet HTML 6Page - NXP Semiconductors PMLL4148L115 Datasheet HTML 7Page - NXP Semiconductors PMLL4148L115 Datasheet HTML 8Page - NXP Semiconductors PMLL4148L115 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PMLL4148L_PMLL4448
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 1 February 2011
5 of 11
NXP Semiconductors
PMLL4148L; PMLL4448
High-speed switching diodes
8.
Test information
f=1MHz; Tj =25 °C
Fig 5.
Diode capacitance as a function of reverse voltage; typical values
010
20
1.2
1.0
0.6
0.4
0.8
mgd004
VR (V)
Cd
(pF)
(1) IR =1mA
Input signal: reverse pulse rise time tr = 0.6 ns; reverse voltage pulse duration tp = 100 ns; duty cycle δ≤ 0.05
Oscilloscope: rise time tr =0.35ns
Fig 6.
Reverse recovery time test circuit and waveforms
Input signal: forward pulse rise time tr = 20 ns; forward current pulse duration tp ≥ 100 ns; duty cycle δ≤ 0.005
Fig 7.
Forward recovery voltage test circuit and waveforms
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50 Ω
IF
D.U.T.
Ri = 50 Ω
SAMPLING
OSCILLOSCOPE
mga881
tr
t
tp
10 %
90 %
I
input signal
RS = 50 Ω
I
Ri = 50 Ω
OSCILLOSCOPE
1 k
Ω
450
Ω
D.U.T.
mga882
VFR
t
output signal
V


Similar Part No. - PMLL4148L115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMLL4148L PHILIPS-PMLL4148L Datasheet
67Kb / 11P
   High-speed switching diodes
Rev. 06-4 April 2005
PMLL4148L NXP-PMLL4148L Datasheet
74Kb / 11P
   High-speed switching diodes
Rev. 07-31 January 2007
PMLL4148L NXP-PMLL4148L Datasheet
122Kb / 11P
   High-speed switching diodes
Rev. 8-1 February 2011
logo
Nexperia B.V. All right...
PMLL4148L NEXPERIA-PMLL4148L Datasheet
702Kb / 11P
   High-speed switching diodes
Rev. 8 - 1 February 2011
logo
NXP Semiconductors
PMLL4148L NXP-PMLL4148L_11 Datasheet
122Kb / 11P
   High-speed switching diodes
Rev. 8-1 February 2011
More results

Similar Description - PMLL4148L115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISP1763AETTM ETC2-ISP1763AETTM Datasheet
3Mb / 134P
   Hi-Speed USB OTG controller Rev. 02 ??24 February 2011
logo
NXP Semiconductors
TJA1020T-CM118 PHILIPS-TJA1020T-CM118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
TJA1051T-118 PHILIPS-TJA1051T-118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
HEF4069UBT652 NXP-HEF4069UBT652 Datasheet
128Kb / 17P
   Hex inverter Rev. 8 ??16 November 2011
Rev. 8-16 November 2011
PESD3V3S1UL-315 NXP-PESD3V3S1UL-315 Datasheet
313Kb / 15P
   Unidirectional ESD protection diodes Rev. 3 ??25 October 2011
Rev. 3-25 October 2011
PTVS30VP1UTP NXP-PTVS30VP1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor Rev. 1 ??11 October 2011
Rev. 1-11 October 2011
Z0109MN0 NXP-Z0109MN0 Datasheet
640Kb / 17P
   4Q Triac Rev. 3 ??12 May 2011
Rev. 3-12 May 2011
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com