Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PMBFJ111 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. PMBFJ111
Description  N-channel junction FETs Rev. 4 20 September 2011
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PMBFJ111 Datasheet(HTML) 4 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PMBFJ111_112_113
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 20 September 2011
4 of 9
NXP Semiconductors
PMBFJ111; PMBFJ112; PMBFJ113
N-channel junction FETs
Fig 1.
Switching circuit.
Fig 2.
Input and output waveforms.
mbk289
50
Ω
RL
DUT
10
μF
1
μF
VDD
10 nF
50
Ω
SAMPLING
SCOPE
50
Ω
mbk294
−VGS off
toff
tf
ts
VGS = 0 V
Vi
Vo
10%
90%
90%
10%
ton
tr
td


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn