Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L36SA12004NRFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # L36SA12004NRFA
Description  Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

L36SA12004NRFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button L36SA12004NRFA_13 Datasheet HTML 5Page - Delta Electronics, Inc. L36SA12004NRFA_13 Datasheet HTML 6Page - Delta Electronics, Inc. L36SA12004NRFA_13 Datasheet HTML 7Page - Delta Electronics, Inc. L36SA12004NRFA_13 Datasheet HTML 8Page - Delta Electronics, Inc. L36SA12004NRFA_13 Datasheet HTML 9Page - Delta Electronics, Inc. L36SA12004NRFA_13 Datasheet HTML 10Page - Delta Electronics, Inc. L36SA12004NRFA_13 Datasheet HTML 11Page - Delta Electronics, Inc. L36SA12004NRFA_13 Datasheet HTML 12Page - Delta Electronics, Inc. L36SA12004NRFA_13 Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DS_L36SA12004_10252013
11
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module is constantly kept at
6.35mm (0.25’’).
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
12.7 (0.5”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Figure 20: Wind tunnel test setup
Thermal Derating
Heat can be removed by increasing airflow over the module.
To enhance system reliability, the power module should
always
be
operated
below
the
maximum
operating
temperature. If the temperature exceeds the maximum
module temperature, reliability of the unit may be affected.
THERMAL CURVES
Figure 21: Hot spot temperature measured point
The allowed maximum hot spot temperature is defined at 130
L36SA12004(standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Either Orientation)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
30
35
40
45
50
55
60
65
70
75
80
85
Natural
Convection
200LFM
400LFM
300LFM
100LFM
Output Current (A)
Ambient Temperature (℃)
500LFM
Figure 22: Output current vs. ambient temperature and air velocity
@Vin=48V (Either Orientation)


Similar Part No. - L36SA12004NRFA_13

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
579Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
546Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
651Kb / 13P
   Delphi Series L36SS, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 3.3V/15A out
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
638Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
550Kb / 13P
   Fixed frequency operation
More results

Similar Description - L36SA12004NRFA_13

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
L36SA12004NRFA DELTA-L36SA12004NRFA Datasheet
546Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA3R315NRFA DELTA-L36SA3R315NRFA Datasheet
579Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
638Kb / 13P
   Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
L36SA3R315NRFA DELTA-L36SA3R315NRFA_13 Datasheet
651Kb / 13P
   Delphi Series L36SS, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 3.3V/15A out
E36SR12004NKFA DELTA-E36SR12004NKFA Datasheet
522Kb / 12P
   Delphi E36SR Series DC/DC Power Modules 18~60 in, 12V/4A out, 48W
Q48SQ12033NRFH DELTA-Q48SQ12033NRFH Datasheet
657Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules 36~75V in, 12V/33A out, 400W
E36SR3R320NRFA DELTA-E36SR3R320NRFA Datasheet
526Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
Q48SK12025NRFA DELTA-Q48SK12025NRFA Datasheet
404Kb / 13P
   Delphi Series Q48SK, Quarter Brick Family DC/DC Power Modules: 36~75V in, 12V/25A out, 300W
E36SR3R320NRFH DELTA-E36SR3R320NRFH Datasheet
832Kb / 15P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
E36SR3R320 DELTA-E36SR3R320 Datasheet
775Kb / 14P
   Delphi Series E36SR, Eighth Brick Family DC/DC Power Modules: 18~75V in, 3.3V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com