Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH01S1215A Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # SH01S1215A
Description  1W DC/DC CONVERTER, SMD-Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SH01S1215A Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  SH01S1215A Datasheet HTML 1Page - Delta Electronics, Inc. SH01S1215A Datasheet HTML 2Page - Delta Electronics, Inc. SH01S1215A Datasheet HTML 3Page - Delta Electronics, Inc. SH01S1215A Datasheet HTML 4Page - Delta Electronics, Inc. SH01S1215A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS_SH01S/D_02182013
E-mail: DCDC@delta.com.tw
http:// www.deltaww.com/dcdc
P4
Mechancial Drawing
Mechanical Dimensions (Single Output)
Connecting Pin Patterns
Mechanical Dimensions (Dual Output)
Connecting Pin Patterns
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05 (±0.002)
Pin Connections
Physical Outline
Pin
Single Output
Dual Output
Case Size (Single
Output)
:
13.7x8.0x6.7mm (0.54x0.31x0.26 Inches)
1
-Vin
-Vin
Case Size (Dual Output)
:
16.24x8.0x6.7mm (0.64x0.31x0.26 Inches)
2
+Vin
+Vin
3
No Pin
No Pin
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0
rated)
4
-Vout
Common
5
+Vout
-Vout
Weight (Single Output)
:
1.7g
6
No Pin
No Pin
Weight (Dual Output)
:
2.0g
7
No Pin
+Vout
8
NA
No Pin
9
---
No Pin
10
---
NA
NA : Not Available for Electrical Connection
2.54
[0.1]
5.08
[0.2]
3.04
[0.12]
13.7 [0.54]
0.60 [0.02]
1.5 0.1
5.5
[0.06 0.004]
[0.22]
12
4
85
1.5 0.1
[0.06 0.004]
5.5
[0.22]
SSEATING PLANE
0.15 S
( Magnification of A )
12
4
10
7
16.24 [0.64]
5
0.60 [0.02]
1.5 0.1
5.5
[0.06 0.004]
[0.22]
1.5 0.1
[0.06 0.004]
5.5
[0.22]
S SEATING PLANE
0.15 S
3.04
[0.12]
2.54
[0.1]
2.54
[0.1]
5.08
[0.2]
( Magnification of A )
10.6 [0.42]
7.62 [0.30]
1.7 [0.07]
2.54 [0.10]
1.0 [0.04]
10.6 [0.42]
7.62 [0.30]
1.7 [0.07]
2.54 [0.10]
1.0 [0.04]


Similar Part No. - SH01S1215A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SH010M050ST CDE-SH010M050ST Datasheet
483Kb / 5P
   105 ?CRadial Leaded Aluminum Electorlytic Capacitors
SH010M050ST CDE-SH010M050ST Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
SH010M100ST CDE-SH010M100ST Datasheet
483Kb / 5P
   105 ?CRadial Leaded Aluminum Electorlytic Capacitors
SH010M100ST CDE-SH010M100ST Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
SH010M160ST CDE-SH010M160ST Datasheet
483Kb / 5P
   105 ?CRadial Leaded Aluminum Electorlytic Capacitors
More results

Similar Description - SH01S1215A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SA01D DELTA-SA01D Datasheet
202Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100_15 Datasheet
644Kb / 6P
   DC/DC CONVERTER 1W, SMD-Package
MSAU100 MINMAX-MSAU100_15 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
MSAU200 MINMAX-MSAU200_15 Datasheet
654Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SA01D DELTA-SA01D_14 Datasheet
335Kb / 7P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSPU01H MINMAX-MSPU01H_15 Datasheet
803Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
logo
Delta Electronics, Inc.
SA01S DELTA-SA01S Datasheet
241Kb / 4P
   1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSCW01 MINMAX-MSCW01_15 Datasheet
551Kb / 5P
   DC/DC CONVERTER 1W, SMD Package
logo
Mean Well Enterprises C...
SFTN01 MEANWELL-SFTN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
DETN01 MEANWELL-DETN01 Datasheet
154Kb / 4P
   1W SMD Package DC-DC Unregulated Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com