Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW0201RZKEA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRCW0201RZKEA
Description  Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0201RZKEA Datasheet(HTML) 1 Page - Vishay Siliconix

  CRCW0201RZKEA Datasheet HTML 1Page - Vishay Siliconix CRCW0201RZKEA Datasheet HTML 2Page - Vishay Siliconix CRCW0201RZKEA Datasheet HTML 3Page - Vishay Siliconix CRCW0201RZKEA Datasheet HTML 4Page - Vishay Siliconix CRCW0201RZKEA Datasheet HTML 5Page - Vishay Siliconix CRCW0201RZKEA Datasheet HTML 6Page - Vishay Siliconix CRCW0201RZKEA Datasheet HTML 7Page - Vishay Siliconix CRCW0201RZKEA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 20035
For technical questions in Europe, contact: ff3cresistors@vishay.com
www.vishay.com
Revision: 04-Jul-07
For technical questions in Americas/Asia, contact: ff2bresistors@vishay.com
107
D../CRCW.... e3
Vishay
Lead (Pb)-free Thick Film, Rectangular Chip Resistors
FEATURES
• High volume product suitable for commercial and
special applications
• Excellent stability (ΔR/R ≤ 1 % for 1000 h at 70 °C)
• Compliant with “Restriction of the use of Hazardous
Substances” (RoHS) directive 2002/95/EC (issue 2004)
• Lead (Pb)-free solder contacts on Ni barrier layer
• Pure tin plating provides compatibility with lead (Pb)-free
and lead containing soldering processes
• Metal glaze on high quality ceramic
Protective overglaze
Notes
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime
• Marking and packaging: see appropriate catalog or web pages
• Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
POWER RATING
P70 °C
W
LIMITING
ELEMENT
VOLTAGE
MAX V
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
Ω
E-SERIES
INCH
METRIC
CRCW0201
0201
0525
0.05
30
± 100
± 200
± 1
± 1; ± 5
47R - 1M0
10R - 1M0
24 + 96
24
Zero-Ohm-Resistor:
Rmax = 50 mΩ, Imax at 70 °C = 1.0 A
D10/CRCW0402
0402
1005
0.063
50
± 100
± 200
± 1
± 5
1R0 - 10M
24 + 96
24
Zero-Ohm-Resistor:
Rmax = 20 mΩ, Imax at 70 °C = 1.5 A
D11/CRCW0603
0603
1608
0.10
75
± 100
± 200
± 1
± 5
1R0 - 10M
24 + 96
24
Zero-Ohm-Resistor:
Rmax = 20 mΩ, Imax at 70 °C = 2.0 A
D12/CRCW0805
0805
2012
0.125
150
± 100
± 200
± 1
± 5
1R0 - 10M
24 + 96
24
Zero-Ohm-Resistor:
Rmax = 20 mΩ, Imax at 70 °C = 2.5 A
D25/CRCW1206
1206
3216
0.25
200
± 100
± 200
± 1
± 5
1R0 - 10M
24 + 96
24
Zero-Ohm-Resistor:
Rmax = 20 mΩ, Imax at 70 °C = 3.5 A
CRCW1210
1210
3225
0.33
200
± 100
± 200
± 1
± 5
1R0 - 10M
24 + 96
24
Zero-Ohm-Resistor:
Rmax = 20 mΩ, Imax at 70 °C = 4.0 A
CRCW1218
1218
3246
1.0
200
± 100
± 200
± 1
± 5
1R0 - 2M2
24 + 96
24
Zero-Ohm-Resistor:
Rmax = 20 mΩ, Imax at 70 °C = 7.0 A
CRCW2010
2010
5025
0.50
400
± 100
± 200
± 1
± 5
1R0 - 10M
24 + 96
24
Zero-Ohm-Resistor:
Rmax = 20 mΩ, Imax at 70 °C = 5.0 A
CRCW2512
2512
6332
1.0
500
± 100
± 200
± 1
± 5
1R0 - 10M
24 + 96
24
Zero-Ohm-Resistor:
Rmax = 20 mΩ, Imax at 70 °C = 7.0 A


Similar Part No. - CRCW0201RZKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0201RZKEA VISHAY-CRCW0201RZKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
More results

Similar Description - CRCW0201RZKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12065R10FKEA VISHAY-CRCW12065R10FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW040295K3FKED VISHAY-CRCW040295K3FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW08051R00JNEAIF VISHAY-CRCW08051R00JNEAIF Datasheet
134Kb / 6P
   Lead (Pb)-free Thick Film, Rectangular, Pulse Proof Chip Resistors
Revision: 13-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com