Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24DE05004PDFH Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # S24DE05004PDFH
Description  20W Single/Dual Output DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24DE05004PDFH Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  S24DE05004PDFH Datasheet HTML 1Page - Delta Electronics, Inc. S24DE05004PDFH Datasheet HTML 2Page - Delta Electronics, Inc. S24DE05004PDFH Datasheet HTML 3Page - Delta Electronics, Inc. S24DE05004PDFH Datasheet HTML 4Page - Delta Electronics, Inc. S24DE05004PDFH Datasheet HTML 5Page - Delta Electronics, Inc. S24DE05004PDFH Datasheet HTML 6Page - Delta Electronics, Inc. S24DE05004PDFH Datasheet HTML 7Page - Delta Electronics, Inc. S24DE05004PDFH Datasheet HTML 8Page - Delta Electronics, Inc. S24DE05004PDFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
S24SE/S24DE series
20W Single/Dual Output DC/DC Converter
DS_S24SE/S24DE 20W _10172013
E-mail:DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P5
ELECTRICAL CHARACTERISTICS CURVES - S24DE120R8, 9-36VIN, ± 12V/0.83A
73
75
77
79
81
83
85
87
89
0.2
0.3
0.4
0.5
0.6
0.7
0.8
OUTPUT CURRENT(A)
9Vin
24Vin
36Vin
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.2
0.3
0.4
0.5
0.6
0.7
0.8
OUTPUT CURRENT(A)
9Vin
24Vin
36Vin
Efficiency vs. load current for various input voltage at 25°C.
Power dissipation vs. load current at 25°C.
Turn-on transient at full load current (4ms/div).
Top two Traces: Vout; 6V/div; Bottom Trace: ON/OFF input: 5V/div.
Turn-on transient at full load current (4 ms/div).
Top two Traces: Vout; 6V/div; Bottom Trace: input voltage: 15V/div.
Output voltage ripple at nominal input voltage and max load
current Top trace +12V, 10 mV/div,Bottom trace -12V, 20mV/div,
2us/div.
Load cap: 10µF, tantalum capacitor and 1µF ceramic capacitor.
Bandwidth: 20 MHz.


Similar Part No. - S24DE05004PDFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24DE05002NPFA DELTA-S24DE05002NPFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE05002NPFH DELTA-S24DE05002NPFH Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE05002NRFA DELTA-S24DE05002NRFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE05002NRFH DELTA-S24DE05002NRFH Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24DE05002NTFA DELTA-S24DE05002NTFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24DE05004PDFH

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
409Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-03S1 CHINFA-WDD20-03S1_10 Datasheet
227Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
WDD20 CHINFA-WDD20_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
   20W DC-DC Regulated Single Output Converter
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
ETA-USA
ODM20-SC ETA-USA-ODM20-SC Datasheet
1Mb / 4P
   20W DC/DC Single Output
logo
MORNSUN Science& Techno...
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
logo
TDK Electronics
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
   20W Single and Dual Output DC-DC converters
September 2, 2022 V1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com