Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24SE05004NRFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # S24SE05004NRFA
Description  20W Single/Dual Output DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24SE05004NRFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  S24SE05004NRFA Datasheet HTML 1Page - Delta Electronics, Inc. S24SE05004NRFA Datasheet HTML 2Page - Delta Electronics, Inc. S24SE05004NRFA Datasheet HTML 3Page - Delta Electronics, Inc. S24SE05004NRFA Datasheet HTML 4Page - Delta Electronics, Inc. S24SE05004NRFA Datasheet HTML 5Page - Delta Electronics, Inc. S24SE05004NRFA Datasheet HTML 6Page - Delta Electronics, Inc. S24SE05004NRFA Datasheet HTML 7Page - Delta Electronics, Inc. S24SE05004NRFA Datasheet HTML 8Page - Delta Electronics, Inc. S24SE05004NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
S24SE/S24DE series
20W Single/Dual Output DC/DC Converter
DS_S24SE/S24DE 20W _10172013
E-mail:DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P1
Model List
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Input Current
(typ input voltage)
Load
Regulation
Maxcapacitive
Load
Efficiency
(typ.)
Max.
Min.
@Max. Load @No Load
@Max. Load
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mV
uF
%
S24SE3R306
24
(9 ~ 36)
3.3V
6000
0
960
55
±10
10000
87%
S24SE05004
5.0V
4000
0
960
55
±10
10000
88%
S24SE12002
12V
1670
0
960
20
±12
1000
88%
S24SE15001
15V
1330
0
960
20
±15
1000
88%
S24DE120R8
±12V
830
0
960
25
±120
±1000
88%
S24DE150R6
±15V
670
0
960
25
±150
±680
88%
Input Characteristics
Item
Model
Min.
Typ.
Max.
Unit
Input Surge Voltage (100 msec)
All Models
50
VDC
Input Turn-On Voltage Threshold
All Models
8
8.5
9
VDC
Input Turn-Off Voltage Threshold
All Models
7
7.5
8
VDC
Input Under-Voltage Lockout Hysteresis
All Models
0.4
1
1.7
VDC
Off-Converter Input Current
All Models
6
mA
Input reflected ripple current
All Models,with 12uH, 20MHz
5
20
mA
Reverse Polarity Input Current
All Models
---
---
0.3
A
ON/OFF Control, Logic High
All Models
2.4
10
VDC
ON/OFF Control, Logic Low
All Models
-0.7
0.8
VDC
Input Filter
All Models
Internal PI Filter
FEATURES
Efficiency up to 88%
Wide input range, 9V-36V
Package with Industry Standard Pinout
Package Dimension:
25.4 x25.4 x10.2mm (1.0
” x1.0” x0.40”)(No HSK)
31.0 x25.4 x17.5mm (1.22
” x1.00” x0.69”)(HSK)
Over voltage protection, hiccup mode
Over current protection, hiccup mode
Positive or Negative Remote ON/OFF
Without tantalum capacitor inside module
Operating Temperature range - 40°C to +85°C
Input to Output Isolation: 1600VDC
RoHs Compliant
3 Years Product Warranty
Heat-sink is option
UL60950, 2
ND Edition, 2011-12-19 Recognized
The S24SE/S24DE series is miniature, isolated 20W DC/DC converters with 1600VDC isolation. The S24SE/S24DE family comes with a
host of industry-standard features, such as over current protection, over voltage protection, over temperature protection and remote on/off.
An optional heatsink is available for more extreme thermal requirements. All models have an untra-wide 4:1 input voltage range (9V to 36V).
With operating temperature of -
40°C to +85°C, it is suitable for customers’ critical applications, such as process control and automation,
transportation, data communication and telecom equipment, test equipment, medical device and everywhere where space on the PCB is
critical.


Similar Part No. - S24SE05004NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE05002 DELTA-S24SE05002 Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002 DELTA-S24SE05002 Datasheet
638Kb / 13P
   10W Single/Dual Output DC/DC Converter
S24SE05002NPFA DELTA-S24SE05002NPFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002NPFH DELTA-S24SE05002NPFH Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002NRFA DELTA-S24SE05002NRFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24SE05004NRFA

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
409Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
WDD20-03S1 CHINFA-WDD20-03S1_10 Datasheet
227Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
WDD20 CHINFA-WDD20_14 Datasheet
204Kb / 4P
   DC - DC CONVERTER 15 ~ 20W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
   20W DC-DC Regulated Single Output Converter
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
ETA-USA
ODM20-SC ETA-USA-ODM20-SC Datasheet
1Mb / 4P
   20W DC/DC Single Output
logo
MORNSUN Science& Techno...
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
logo
TDK Electronics
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
   20W Single and Dual Output DC-DC converters
September 2, 2022 V1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com