Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24SE150R6 Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # S24SE150R6
Description  10W Single/Dual Output DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24SE150R6 Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button S24SE150R6 Datasheet HTML 4Page - Delta Electronics, Inc. S24SE150R6 Datasheet HTML 5Page - Delta Electronics, Inc. S24SE150R6 Datasheet HTML 6Page - Delta Electronics, Inc. S24SE150R6 Datasheet HTML 7Page - Delta Electronics, Inc. S24SE150R6 Datasheet HTML 8Page - Delta Electronics, Inc. S24SE150R6 Datasheet HTML 9Page - Delta Electronics, Inc. S24SE150R6 Datasheet HTML 10Page - Delta Electronics, Inc. S24SE150R6 Datasheet HTML 11Page - Delta Electronics, Inc. S24SE150R6 Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
S24SE/S24DE series
10W Single/Dual Output DC/DC Converter
DS_ S24SE/S24DE 10W _ 10172013
E-mail:DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P9
For 12V signle output(Kohm):
For 15V single output(Kohm):
For example:
When need trim up to 3.4V, then the external resistor
should be 100Kohm between trim pin and Vout- pin.
When need trim down to 3.1V, then the external resistor
should be 40Kohm between trim pin and Vout+ pin.
THERMAL CONSIDERATIONS
Heat can be removed by increasing airflow over the
module. To enhance system reliability, the power
mod
ule’s case temperature should always be operated
below 105℃. If the case temperature exceeds the
maximum operating temperature, reliability of the unit
may be affected.
AIR FLOW
MODULE
Air velocity and ambient
temperature test point.
50.8mm
(2.0")
15.0mm
(0.6")
Remote on/off implementation
Output Voltage Adjustment(TRIM)
Only single output modules has output adjust function.
To increase the output voltage set point, connect an
external resistor between the TRIM pin and the
Vout(-).
To decrease the output voltage set point, connect an
external resistor between the TRIM pin and the
Vout(+).
The maximumu adjust range is ±10%, the TRIM pin
should be left open if this feature is not used.
For 3.3V single output(Kohm):
For 5V single output(Kohm):


Similar Part No. - S24SE150R6

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE150R6 DELTA-S24SE150R6 Datasheet
638Kb / 13P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24SE150R6

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U_10 Datasheet
391Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE DELTA-S24SE_14 Datasheet
638Kb / 13P
   10W Single/Dual Output DC/DC Converter
S24SE05002PDFA DELTA-S24SE05002PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
IDD10-03S1U CHINFA-IDD10-03S1U Datasheet
405Kb / 8P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24DE150R3PDFA DELTA-S24DE150R3PDFA Datasheet
928Kb / 14P
   10W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
IDD10U CHINFA-IDD10U_16 Datasheet
238Kb / 4P
   DC - DC CONVERTER 10W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
DKE10 MEANWELL-DKE10 Datasheet
184Kb / 1P
   10W DC-DC Regulated Dual Output Converter
SKE10 MEANWELL-SKE10 Datasheet
179Kb / 1P
   10W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
10A-ZMD MICRODC-10A-ZMD Datasheet
434Kb / 3P
   10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com