Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N38M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 4N38M
Description  High Voltage Phototransistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N38M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  4N38M Datasheet HTML 1Page - Fairchild Semiconductor 4N38M Datasheet HTML 2Page - Fairchild Semiconductor 4N38M Datasheet HTML 3Page - Fairchild Semiconductor 4N38M Datasheet HTML 4Page - Fairchild Semiconductor 4N38M Datasheet HTML 5Page - Fairchild Semiconductor 4N38M Datasheet HTML 6Page - Fairchild Semiconductor 4N38M Datasheet HTML 7Page - Fairchild Semiconductor 4N38M Datasheet HTML 8Page - Fairchild Semiconductor 4N38M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4N38M, H11D1 M, H11D2M, H11D3M, MOC8204M Rev. 1.0.6
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Note:
1. Parameters meet or exceed JEDEC registered data (for 4N38M only).
Symbol
Parameter
Device
Value
Units
TOTAL DEVICE
TSTG
Storage Temperature
All
-40 to +150
°C
TOPR
Operating Temperature
All
-40 to +100
°C
TSOL
Lead Solder Temperature (Wave Solder)
All
260 for 10 sec
°C
PD
Total Device Power Dissipation @ TA = 25°C
Derate Above 25°C
All
260
mW
3.5
mW/°C
EMITTER
IF
Forward DC Current(1)
All
80
mA
VR
Reverse Input Voltage(1)
All
6.0
V
IF(pk)
Forward Current – Peak (1µs pulse, 300pps)(1)
All
3.0
A
PD
LED Power Dissipation @ TA = 25°C
(1)
Derate Above 25°C
All
150
mW
1.41
mW/°C
DETECTOR
PD
Power Dissipation @ TA = 25°C
All
300
mW
Derate linearly above 25°C
4.0
mW/°C
VCER
Collector to Emitter Voltage(1)
MOC8204M
400
V
H11D1M, H11D2M
300
H11D3M
200
4N38M
80
VCBO
Collector Base Voltage(1)
MOC8204M
400
V
H11D1M, H11D2M
300
H11D3M
200
4N38M
80
VECO
Emitter to Collector Voltage(1)
H11D1M, H11D2M,
H11D3M,
MOC8204M
7V
IC
Collector Current (Continuous)
All
100
mA


Similar Part No. - 4N38M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N38M FAIRCHILD-4N38M Datasheet
228Kb / 9P
   High Voltage Phototransistor Optocouplers
4N38M FAIRCHILD-4N38M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
4N38M FAIRCHILD-4N38M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
4N38M FAIRCHILD-4N38M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
logo
ON Semiconductor
4N38M ONSEMI-4N38M Datasheet
339Kb / 10P
   6-Pin DIP High Voltage Phototransistor Optocouplers
February, 2022 - Rev. 0
More results

Similar Description - 4N38M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11D1 FAIRCHILD-H11D1 Datasheet
382Kb / 8P
   HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
4N38SR2M FAIRCHILD-4N38SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1M FAIRCHILD-H11D1M Datasheet
228Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SM FAIRCHILD-H11D1SM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SR2VM FAIRCHILD-H11D1SR2VM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
logo
ON Semiconductor
4N38M ONSEMI-4N38M Datasheet
339Kb / 10P
   6-Pin DIP High Voltage Phototransistor Optocouplers
February, 2022 - Rev. 0
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com