Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1210MKYSV6BN390 Datasheet(PDF) 10 Page - YAGEO Corporation

Part # CC1210MKYSV6BN390
Description  SURFACE-MOUNT CERAMIC CERAMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1210MKYSV6BN390 Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button CC1210MKYSV6BN390 Datasheet HTML 6Page - YAGEO Corporation CC1210MKYSV6BN390 Datasheet HTML 7Page - YAGEO Corporation CC1210MKYSV6BN390 Datasheet HTML 8Page - YAGEO Corporation CC1210MKYSV6BN390 Datasheet HTML 9Page - YAGEO Corporation CC1210MKYSV6BN390 Datasheet HTML 10Page - YAGEO Corporation CC1210MKYSV6BN390 Datasheet HTML 11Page - YAGEO Corporation CC1210MKYSV6BN390 Datasheet HTML 12Page - YAGEO Corporation CC1210MKYSV6BN390 Datasheet HTML 13Page - YAGEO Corporation CC1210MKYSV6BN390 Datasheet HTML 14Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.yageo.com
Jul 29, 2010 V.5
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
10
14
Product specification
Y5V
TESTS AND REQUIREMENTS
Table 8
Test procedures and requirements
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Mounting
IEC 60384-
21/22
4.3
The capacitors may be mounted on printed-circuit boards or
ceramic substrates
No visible damage
Visual
inspection and
dimension
check
4.4
Any applicable method using × 10 magnification
In accordance with specification
Capacitance (1)
4.5.1 Class 2:
At 20 °C, 24 hrs after annealing
f = 1 KHz for C ≤ 10 µF, rated voltage > 6.3 V, measuring at
voltage 1 Vrms at 20 °C
f = 1 KHz, for C ≤ 10 µF, rated voltage ≤ 6.3 V, measuring at
voltage 0.5 Vrms at 20 °C
f = 120 Hz for C > 10 µF, measuring at voltage 0.5 Vrms at 20 °C
Within specified tolerance
Dissipation
factor (D.F.) (1)
4.5.2 Class 2:
At 20 °C, 24 hrs after annealing
f = 1 KHz for C ≤ 10 µF, rated voltage > 6.3 V, measuring at
voltage 1 Vrms at 20 °C
f = 1 KHz, for C ≤ 10 µF, rated voltage ≤ 6.3 V, measuring at
voltage 0.5 Vrms at 20 °C
f = 120 Hz for C > 10 µF, measuring at voltage 0.5 Vrms at 20 °C
In accordance with specification
Insulation
resistance
4.5.3 At Ur (DC) for 1 minute
In accordance with specification
Temperature
characteristic
4.6
Class 2:
Between minimum and maximum temperature
Y5V: -30 °C to +85 °C
Normal Temperature: 20 °C
<General purpose series>
∆C/C
Class 2:
Y5V: 22% to -82%
<High Capacitance series>
∆C/C
Class 2:
Y5V: 22% to -82%
Adhesion
4.7
A force applied for 10 seconds to the line joining the terminations
and in a plane parallel to the substrate
Force
size ≥ 0603: 5N
size = 0402: 2.5N
size = 0201: 1N
NOTE:
1. For individual product specification, please contact local sales.


Similar Part No. - CC1210MKYSV6BN390

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1210MKYSV6BN331 YAGEO-CC1210MKYSV6BN331 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1210MKYSV6BN390

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
List of Unclassifed Man...
CC154 ETC2-CC154 Datasheet
48Kb / 1P
   Ceramic Surface Mount VCXO
logo
Ecliptek Corporation
ECCM61 ECLIPTEK-ECCM61 Datasheet
441Kb / 2P
   CERAMIC SURFACE MOUNT CRYSTAL
logo
M/A-COM Technology Solu...
C2084 MA-COM-C2084 Datasheet
122Kb / 3P
   Ceramic Surface Mount Amplifier
logo
List of Unclassifed Man...
CTVZ-A6B3 ETC2-CTVZ-A6B3 Datasheet
44Kb / 1P
   Ceramic Surface Mount TCVCXO
logo
Vanlong Technology Co.,...
SM6B VANLONG-SM6B Datasheet
37Kb / 1P
   Ceramic Surface Mount Crystal
SM5 VANLONG-SM5_13 Datasheet
44Kb / 1P
   Ceramic Surface Mount Crystal
SM6 VANLONG-SM6 Datasheet
37Kb / 1P
   Ceramic Surface Mount Crystal
SM5B VANLONG-SM5B_13 Datasheet
41Kb / 1P
   Ceramic Surface Mount Crystal
SM7 VANLONG-SM7 Datasheet
47Kb / 1P
   Ceramic Surface Mount Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com