Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ321 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSQ321
Description  Green Mode Fairchild Power Switch (FPS)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ321 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSQ321 Datasheet HTML 6Page - Fairchild Semiconductor FSQ321 Datasheet HTML 7Page - Fairchild Semiconductor FSQ321 Datasheet HTML 8Page - Fairchild Semiconductor FSQ321 Datasheet HTML 9Page - Fairchild Semiconductor FSQ321 Datasheet HTML 10Page - Fairchild Semiconductor FSQ321 Datasheet HTML 11Page - Fairchild Semiconductor FSQ321 Datasheet HTML 12Page - Fairchild Semiconductor FSQ321 Datasheet HTML 13Page - Fairchild Semiconductor FSQ321 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0365, FSQ0265, FSQ0165, FSQ321 • Rev. 1.0.6
10
Typical Performance Characteristics (Continued)
Characteristic graphs are normalized at TA=25°C.
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
Figure 10. Blanking Time (tB) vs. TA
Figure 11. Feedback Source Current (IFB) vs. TA
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
Figure 12. Shutdown Delay Current (IDELAY) vs. TA
Figure 13. Burst Mode High Threshold Voltage (Vburh)
vs. TA
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
Figure 14. Burst Mode Low Threshold Voltage (Vburl)
vs. TA
Figure 15. Peak Current Limit (ILIM) vs. TA


Similar Part No. - FSQ321

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ321 FAIRCHILD-FSQ321 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
FSQ321 FAIRCHILD-FSQ321 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
FSQ321 FAIRCHILD-FSQ321 Datasheet
892Kb / 21P
   Green Mode Fairchild Power Switch for Valley Switching Converter ??Low EMI and High Efficiency
FSQ321L FAIRCHILD-FSQ321L Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
FSQ321L FAIRCHILD-FSQ321L Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
More results

Similar Description - FSQ321

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com