Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI6415DQ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SI6415DQ
Description  30V P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI6415DQ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SI6415DQ Datasheet HTML 1Page - Fairchild Semiconductor SI6415DQ Datasheet HTML 2Page - Fairchild Semiconductor SI6415DQ Datasheet HTML 3Page - Fairchild Semiconductor SI6415DQ Datasheet HTML 4Page - Fairchild Semiconductor SI6415DQ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
September 2001
2001 Fairchild Semiconductor Corporation
Si6415DQ Rev B(W)
Si6415DQ
30V P-Channel PowerTrench
MOSFET
General Description
This P-Channel MOSFET is a rugged gate version of
Fairchild
Semiconductor’s
advanced
PowerTrench
process. It has been optimized for power management
applications requiring a wide range of gave drive
voltage ratings (–4.5V – 20V).
Applications
• Battery protection
• DC/DC conversion
• Power management
• Load switch
Features
• –6.5 A, –30 V R
DS(ON) = 19 m
Ω @ V
GS = –10 V
RDS(ON) = 30 m
Ω @ V
GS = –4.5 V
• Extended V
GSS range (
±20V) for battery applications
• High performance trench technology for extremely
low RDS(ON)
• Low profile TSSOP-8 package
D
S
S
G
D
S
S
D
TSSOP-8
Pin 1
4
3
2
1
5
6
7
8
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–30
V
VGSS
Gate-Source Voltage
± 20
V
ID
Drain Current
– Continuous
(Note 1)
–6.5
A
– Pulsed
–30
PD
Power Dissipation
(Note 1a)
1.3
W
(Note 1b)
0.6
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
87
°C/W
(Note 1b)
114
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
6415
Si6415DQ
13’’
16mm
3000 units


Similar Part No. - SI6415DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6415DQ VISHAY-SI6415DQ Datasheet
196Kb / 4P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 23-Jan-06
SI6415DQ VISHAY-SI6415DQ Datasheet
206Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 31-Mar-08
SI6415DQ VISHAY-SI6415DQ Datasheet
204Kb / 10P
   P-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI6415DQ-T1 VISHAY-SI6415DQ-T1 Datasheet
201Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 31-Mar-08
SI6415DQ VISHAY-SI6415DQ_17 Datasheet
206Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 31-Mar-08
More results

Similar Description - SI6415DQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS9400A FAIRCHILD-FDS9400A Datasheet
165Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDT458P FAIRCHILD-FDT458P Datasheet
99Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI4435DY FAIRCHILD-SI4435DY Datasheet
93Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDD6685 FAIRCHILD-FDD6685 Datasheet
116Kb / 6P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P Datasheet
67Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI6435DQ FAIRCHILD-SI6435DQ Datasheet
110Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P_08 Datasheet
216Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com