Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT373MSA Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74ACT373MSA
Description  Octal Transparent Latch with 3-STATE Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT373MSA Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 74ACT373MSA Datasheet HTML 4Page - Fairchild Semiconductor 74ACT373MSA Datasheet HTML 5Page - Fairchild Semiconductor 74ACT373MSA Datasheet HTML 6Page - Fairchild Semiconductor 74ACT373MSA Datasheet HTML 7Page - Fairchild Semiconductor 74ACT373MSA Datasheet HTML 8Page - Fairchild Semiconductor 74ACT373MSA Datasheet HTML 9Page - Fairchild Semiconductor 74ACT373MSA Datasheet HTML 10Page - Fairchild Semiconductor 74ACT373MSA Datasheet HTML 11Page - Fairchild Semiconductor 74ACT373MSA Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC373, 74ACT373 Rev. 1.5.0
8
AC Electrical Characteristics for ACT
Note:
8. Voltage range 5.0 is 5.0V
± 0.5V.
AC Operating Requirements for ACT
Note:
9. Voltage range 5.0 is 5.0V
± 0.5V.
Capacitance
Symbol
Parameter
VCC (V)
(8)
TA = +25°C,
CL = 50pF
TA = −40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay, Dn to On
5.0
2.5
8.5
10.0
1.5
11.5
ns
tPHL
Propagation Delay, Dn to On
5.0
2.0
8.0
10.0
1.5
11.5
ns
tPLH
Propagation Delay, LE to On
5.0
2.5
8.5
11.0
2.0
11.5
ns
tPHL
Propagation Delay, LE to On
5.0
2.0
8.0
10.0
1.5
11.5
ns
tPZH
Output Enable Time
5.0
2.0
8.0
9.5
1.5
10.5
ns
tPZL
Output Enable Time
5.0
2.0
7.5
9.0
1.5
10.5
ns
tPHZ
Output Disable Time
5.0
2.5
9.0
11.0
2.5
12.5
ns
tPLZ
Output Disable Time
5.0
1.5
7.5
8.5
1.0
10.0
ns
Symbol
Parameter
VCC (V)
(9)
TA = +25°C,
CL = 50pF
TA = −40°C to +85°C,
CL = 50pF
Units
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Dn to LE
5.0
0.8
2.5
3.5
ns
tH
Hold Time, HIGH or LOW,
Dn to LE
5.0
0
0
1.0
ns
tW
LE Pulse Width, HIGH
5.0
2.0
7.0
8.0
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
40.0
pF


Similar Part No. - 74ACT373MSA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT373MSA FAIRCHILD-74ACT373MSA Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
More results

Similar Description - 74ACT373MSA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
74F533 FAIRCHILD-74F533 Datasheet
80Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
HEF40373B_CNV PHILIPS-HEF40373B_CNV_15 Datasheet
90Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
logo
Motorola, Inc
MC74AC373 MOTOROLA-MC74AC373 Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com