Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRF8721PBF Datasheet(PDF) 6 Page - International Rectifier

Part No. IRF8721PBF
Description  Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

IRF8721PBF Datasheet(HTML) 6 Page - International Rectifier

  IRF8721PBF Datasheet HTML 1Page - International Rectifier IRF8721PBF Datasheet HTML 2Page - International Rectifier IRF8721PBF Datasheet HTML 3Page - International Rectifier IRF8721PBF Datasheet HTML 4Page - International Rectifier IRF8721PBF Datasheet HTML 5Page - International Rectifier IRF8721PBF Datasheet HTML 6Page - International Rectifier IRF8721PBF Datasheet HTML 7Page - International Rectifier IRF8721PBF Datasheet HTML 8Page - International Rectifier IRF8721PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF8721PbF
6
www.irf.com
Fig 13. Maximum Avalanche Energy
vs. Drain Current
Fig 12. On-Resistance vs. Gate Voltage
Fig 15b. Switching Time Waveforms
Fig 14b. Unclamped Inductive Waveforms
Fig 14a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 15a. Switching Time Test Circuit
2.0
4.0
6.0
8.0
10.0
VGS, Gate-to-Source Voltage (V)
6
8
10
12
14
16
TJ = 25°C
TJ = 125°C
ID = 14A
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
50
100
150
200
250
300
ID
TOP
0.83A
1.05A
BOTTOM
11A
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1
RD
VGS
RG
D.U.T.
10V
+
-VDD
VGS


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn