Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27PC010A-20FML Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS27PC010A-20FML
Description  8-BIT PROGRAMMABLE READ-ONLY MEMORIES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS27PC010A-20FML Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS27PC010A-20FML Datasheet HTML 3Page - Texas Instruments TMS27PC010A-20FML Datasheet HTML 4Page - Texas Instruments TMS27PC010A-20FML Datasheet HTML 5Page - Texas Instruments TMS27PC010A-20FML Datasheet HTML 6Page - Texas Instruments TMS27PC010A-20FML Datasheet HTML 7Page - Texas Instruments TMS27PC010A-20FML Datasheet HTML 8Page - Texas Instruments TMS27PC010A-20FML Datasheet HTML 9Page - Texas Instruments TMS27PC010A-20FML Datasheet HTML 10Page - Texas Instruments TMS27PC010A-20FML Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TMS27C010A 131 072 BY 8BIT UV ERASABLE
TMS27PC010A 131 072 BY 8BIT
PROGRAMMABLE READONLY MEMORIES
SMLS110C − NOVEMBER 1990 − REVISED SEPTEMBER 1997
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High-level dc output voltage
IOH = − 20 µA
VCC −0.2
V
VOH
High-level dc output voltage
IOH = −2.5 mA
3.5
V
VOL
Low-level dc output voltage
IOL = 2.1 mA
0.4
V
VOL
Low-level dc output voltage
IOL = 20 µA
0.1
V
II
Input current (leakage)
VI = 0 V to 5.5 V
±1
µA
IO
Output current (leakage)
VO = 0 V to VCC
±1
µA
IPP1
VPP supply current
VPP = VCC = 5.5 V
10
µA
IPP2
VPP supply current (during program pulse)
VPP = 13 V
50
mA
ICC1
VCC supply current (standby)
TTL-input level
VCC = 5.5 V,
E = VIH
500
A
ICC1
VCC supply current (standby)
CMOS-input level
VCC = 5.5 V,
E = VCC ± 0.2 V
100
µA
VCC = 5.5 V,
E = VIL
ICC2
VCC supply current (active) (output open)
VCC = 5.5 V,
E = VIL
tcycle = minimum cycle time†,
outputs open
30
mA
ICC2
VCC supply current (active) (output open)
tcycle = minimum cycle time†,
outputs open
30
mA
† Minimum cycle time = maximum access time.
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP§
MAX
UNIT
CI
Input capacitance
VI = 0 V, f = 1 MHz
4
8
pF
CO
Output capacitance
VO = 0 V, f = 1 MHz
6
10
pF
‡ Capacitance measurements are made on sample basis only.
§ All typical values are at TA = 25°C and nominal voltages.
switching characteristics over recommended ranges of operating conditions (see Notes 4 and 5)
PARAMETER
TEST
CONDITIONS
’27C010A-10
’27PC010A-10
’27C010A-12
’27PC010A-12
’27C010A-15
’27PC010A-15
’27C010A-20
’27PC010A-20
UNIT
PARAMETER
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
ta(A)
Access time from address
100
120
150
200
ns
ta(E)
Access time from chip enable
CL = 100 pF,
100
120
150
200
ns
ten(G) Output enable time from G
CL = 100 pF,
1 Series 74
55
55
75
75
ns
tdis
Output disable time from G or
E, whichever occurs first¶
1 Series 74
TTL load,
Input tr ≤ 20 ns,
0
50
0
50
0
60
0
60
ns
tv(A)
Output data valid time after
change of address, E, or G,
whichever occurs first¶
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
0
0
0
ns
¶ Value calculated from 0.5-V delta to measured output level.
NOTES:
4. For all switching characteristics the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and
0.8 V for logic low (see Figure 2).
5. Common test conditions apply for tdis except during programming.


Similar Part No. - TMS27PC010A-20FML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC010A-20FML TI-TMS27PC010A-20FML Datasheet
172Kb / 13P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27PC010A-20FML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512-150JL TI1-TMS27C512-150JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512JL TI1-TMS27C512JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Motorola, Inc
MCM7643 MOTOROLA-MCM7643 Datasheet
187Kb / 4P
   4096 BIT PROGRAMMABLE READ ONLY MEMORIES
logo
Texas Instruments
TMS27C240 TI-TMS27C240 Datasheet
190Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A TI1-TMS27C210A_08 Datasheet
413Kb / 29P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
TMS27C210A TI-TMS27C210A Datasheet
193Kb / 15P
[Old version datasheet]   PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com