Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC2336225 Datasheet(PDF) 15 Page - Vishay Siliconix

Part No. BFC2336225
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BFC2336225 Datasheet(HTML) 15 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Document Number: 28120
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 08-Oct-08
15
MKP 336 2 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
SUB-CLAUSE NUMBER AND
TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
SUB GROUP C2
4.12 Damp heat steady state
56 days, 40 °C, 90 to 95 % RH
No load
4.12.1 Initial measurements
Capacitance
Tangent of loss angle at 1 kHz
4.12.3 Final measurements
Visual examination
Capacitance
Tangent of loss angle
Voltage proof
1350 Vdc; 1 min between terminations
Insulation resistance
No visible damage
Legible marking
¦
ΔC/C¦ ≤ 5 % of the value measured in 4.12.1.
Increase of tan
δ:
≤ 0.008 for: C ≤ 1 µF or
≤ 0.005 for: C > 1 µF
Compared to values measured in 4.12.1.
No permanent breakdown or flash-over
≥ 50 % of values specified in section “Insulation
Resistance” of this specification
SUB-GROUP C3
4.13.1 Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 1 µF at 10 kHz
For C > 1 µF at 1 kHz
4.13 Impulse voltage
3 successive impulses, full wave, peak voltage:
2.5 kV for C
≤ 1 µF
2.5 kV/
√C for C > 1 µF
Max. 24 pulses
No selfhealing breakdowns or flashover
4.14 Endurance
Duration: 1000 h
1.25 x URac at 110 °C
Once in every hour the voltage is increased to
1000 Vrms for 0.1 s via resistor of 47 Ω ± 5 %
4.14.7 Final measurements
Visual examination
Capacitance
Tangent of loss angle
Voltage proof
1350 Vdc; 1 min between terminations
2120 Vac; 1 min between terminations and
case
Insulation resistance
No visible damage
Legible marking
¦
ΔC/C¦ ≤ 10 % compared to values measured in
4.13.1.
Increase of tan
δ:
≤ 0.008 for: C ≤ 1 µF or
≤ 0.005 for: C > 1 µF
Compared to values measured in 4.13.1.
No permanent breakdown or flash-over
≥ 50 % of values specified in section “Insulation
Resistance” of this specification


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn