Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC2336225 Datasheet(PDF) 14 Page - Vishay Siliconix

Part No. BFC2336225
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BFC2336225 Datasheet(HTML) 14 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28120
14
Revision: 08-Oct-08
MKP 336 2 X2
Vishay BCcomponents
Interference Suppression Film Capacitors
MKP Radial Potted Type
SUB-CLAUSE NUMBER AND
TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
4.9.2 Final measurements
Visual examination
Capacitance
Tangent of loss angle
Insulation resistance
No visible damage
¦
ΔC/C¦ ≤ 5 % of the value measured initially.
Increase of tan
δ:
≤ 0.008 for: C ≤ 1 µF or
≤ 0.005 for: C > 1 µF
Compared to values measured initially
As specified in section “Insulation Resistance” of
this specification
SUB-GROUP C1
COMBINED SAMPLE OF
SPECIMENS OF SUB-GROUPS
C1A AND C1B
4.11 Climatic sequence
4.11.1 Initial measurements
Capacitance
Measured in 4.4.2 and 4.9.2
Tangent of loss angle:
Measured initially in C1A and C1B
4.11.2 Dry heat
Temperature: 110 °C
4.11.3 Damp heat cyclic
Test Db
First cycle
Duration: 16 h
4.11.4 Cold
Temperature: - 55 °C
4.11.5 Damp heat cyclic
Test Db
remaining cycles
Duration: 2 h
4.11.6 Final measurements
Visual examination
Capacitance
Tangent of loss angle
Voltage proof
1350 Vdc; 1 min between terminations
Insulation resistance
No visible damage
Legible marking
¦
ΔC/C¦ ≤ 5 % of the value measured in 4.11.1.
Increase of tan
δ:
≤ 0.008 for: C ≤ 1 µF or
≤ 0.005 for: C > 1 µF
Compared to values measured in 4.11.1.
No permanent breakdown or flash-over
≥ 50 % of values specified in section “Insulation
Resistance” of this specification


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn