Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC2336225 Datasheet(PDF) 13 Page - Vishay Siliconix

Part No. BFC2336225
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BFC2336225 Datasheet(HTML) 13 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Document Number: 28120
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 08-Oct-08
13
MKP 336 2 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
SUB-CLAUSE NUMBER
AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
4.4 Resistance to soldering heat
No pre-drying
Method: 1A
Solder bath: 280 °C ± 5 °C
Duration: 10 s
4.19 Component solvent
resistance
Isopropylalcohol at room temperature
Method: 2
Immersion time: 5 ± 0.5 min
Recovery time:
Min. 1 h, max. 2 h
4.4.2 Final measurements
Visual examination
Capacitance
Tangent of loss angle
Insulation resistance
No visible damage
Legible marking
¦
ΔC/C¦ ≤ 5 % of the value measured initially.
Increase of tan
δ:
≤ 0.008 for: C ≤ 1 µF or
≤ 0.005 for: C > 1 µF
Compared to values measured initially
As specified in section “Insulation Resistance” of
this specification
SUB-GROUP C1B PART OF
SAMPLE
OF SUB-GROUP C1
CONDITIONS
PERFORMANCE REQUIREMENTS
Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 1 µF at 10 kHz
For C > 1 µF at 1 kHz
4.20 Solvent resistance of the
marking: see Section “General
notes”; item 5.
Isopropylalcohol at room temperature
Method: 1
Rubbing material: cotton wool
Immersion time: 5 ± 0.5 min
No visible damage
Legible marking
4.6 Rapid change of temperature
θA = - 55 °C
θB = + 110 °C
5 cycles
Duration t = 30 min
4.6.1 Inspection
Visual examination
No visible damage
4.7 Vibration
Mounting: See section “Mounting” of this
specification
Procedure B4
Frequency range: 10 to 55 Hz
Amplitude: 0.75 mm or
Acceleration 98 m/s²
(whichever is less severe)
Total duration 6 h
4.7.2 Final inspection
Visual examination
No visible damage
4.9 Shock
Mounting: See section “Mounting” for more
information
Pulse shape: half sine
Acceleration: 490 m/s²
Duration of pulse: 11 ms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn