Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6644TR1PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRF6644TR1PBF
Description  Ideal for High Performance Isolated Converter Primary Switch Socket
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6644TR1PBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRF6644TR1PBF Datasheet HTML 2Page - International Rectifier IRF6644TR1PBF Datasheet HTML 3Page - International Rectifier IRF6644TR1PBF Datasheet HTML 4Page - International Rectifier IRF6644TR1PBF Datasheet HTML 5Page - International Rectifier IRF6644TR1PBF Datasheet HTML 6Page - International Rectifier IRF6644TR1PBF Datasheet HTML 7Page - International Rectifier IRF6644TR1PBF Datasheet HTML 8Page - International Rectifier IRF6644TR1PBF Datasheet HTML 9Page - International Rectifier IRF6644TR1PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRF6644PbF
8
www.irf.com
DirectFET
™ Outline Dimension, MN Outline
(Medium Size Can, N-Designation).
Please see DirectFET application note AN-1035 for all details regarding the assembly of DirectFET.
This includes all recommendations for stencil and substrate designs.
DirectFET
™ Part Marking
MAX
0.250
0.201
0.156
0.018
0.036
0.032
0.056
0.036
0.020
0.051
0.115
0.0274
0.0031
0.007
MIN
0.246
0.189
0.152
0.014
0.034
0.031
0.054
0.034
0.019
0.046
0.109
0.0235
0.0008
0.003
MAX
6.35
5.05
3.95
0.45
0.92
0.82
1.42
0.92
0.52
1.29
2.91
0.676
0.080
0.17
MIN
6.25
4.80
3.85
0.35
0.88
0.78
1.38
0.88
0.48
1.16
2.74
0.616
0.020
0.08
CODE
A
B
C
D
E
F
G
H
J
K
L
M
R
P
DIMENSIONS
METRIC
IMPERIAL


Similar Part No. - IRF6644TR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6644TRPBF IRF-IRF6644TRPBF Datasheet
260Kb / 10P
   DirectFET Power MOSFET
IRF6644TRPBF IRF-IRF6644TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
More results

Similar Description - IRF6644TR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6646TR1PBF IRF-IRF6646TR1PBF Datasheet
655Kb / 10P
   Ideal for High Performance Isolated Converter Primary Switch Socket
IRF7739L1TRPBF IRF-IRF7739L1TRPBF Datasheet
278Kb / 10P
   Ideal for High Performance Isolated Converter Primary Switch Socket
logo
Infineon Technologies A...
IRF7769L1TRPBF INFINEON-IRF7769L1TRPBF Datasheet
575Kb / 11P
   Ideal for High Performance Isolated Converter Primary Switch Socket
2016-10-14
logo
International Rectifier
IRF7171MTRPBF IRF-IRF7171MTRPBF Datasheet
751Kb / 11P
   Ideal for High Performance Isolated Converter Primary Switch
logo
List of Unclassifed Man...
2B22 ETC1-2B22 Datasheet
32Kb / 1P
   High Performance, Isolated Voltage-to-Current Converter
logo
Intronics Power, Inc.
2B22 INTRONICS-2B22 Datasheet
984Kb / 4P
   High performance, Isolated Voltage-to-current Converter
logo
International Rectifier
IRF6648PBF IRF-IRF6648PBF_15 Datasheet
645Kb / 10P
   Ideal for 24V input Primary Side Forward Converters
logo
TE Connectivity Ltd
16WGA1 TEC-16WGA1 Datasheet
211Kb / 3P
   High Performance, Low Cost Filter Ideal for Appliance Equipment
logo
ALPS ELECTRIC CO.,LTD.
SCTA-B ALPS-SCTA-B Datasheet
1Mb / 1P
   Ideal for RF antennas requiring excellent high-frequency performance
logo
TOKO, Inc
FDSD0518 TOKO-FDSD0518 Datasheet
274Kb / 1P
   Ideal for DC-DC converter applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com