Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC2336215 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BFC2336215
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC2336215 Datasheet(HTML) 1 Page - Vishay Siliconix

  BFC2336215 Datasheet HTML 1Page - Vishay Siliconix BFC2336215 Datasheet HTML 2Page - Vishay Siliconix BFC2336215 Datasheet HTML 3Page - Vishay Siliconix BFC2336215 Datasheet HTML 4Page - Vishay Siliconix BFC2336215 Datasheet HTML 5Page - Vishay Siliconix BFC2336215 Datasheet HTML 6Page - Vishay Siliconix BFC2336215 Datasheet HTML 7Page - Vishay Siliconix BFC2336215 Datasheet HTML 8Page - Vishay Siliconix BFC2336215 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Document Number: 28120
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 08-Oct-08
1
Interference Suppression Film Capacitors
MKP Radial Potted Type
MKP 336 2 X2
Vishay BCcomponents
Dimensions in mm
APPLICATIONS
For standard across the line X2 applications
See also application note:
www.vishay.com/docs/28153/anaccaps.pdf
REFERENCE STANDARDS
“IEC 60384-14 ed 3 and EN 60384-14”
“IEC 60065, pass. flamm. class B”
CSA-C22.2 No 1; UL1414
ENEC; CQC
UL1283; CSA E384-14
MARKING
C-value; tolerance; rated voltage; sub-class; manufacturer’s
type designation; code for dielectric material; manufacturer
location; manufacturer’s logo; year and week; safety
approvals.
DIELECTRIC
Polypropylene film
ELECTRODES
Metallized film
FEATURES
10 to 27.5 mm lead pitch. Supplied loose in box,
taped on reel
RoHS compliant product
CONSTRUCTION
Mono construction
RATED VOLTAGE
AC 310 V; 50 to 60 Hz
PERMISSIBLE DC VOLTAGE
DC 630 V
ENCAPSULATION
Plastic case, epoxy resin sealed, flame retardant UL-class
94 V-0
CLIMATIC TESTING CLASS ACC. TO IEC 60068-1
55/110/56/B
CAPACITANCE RANGE (E12 SERIES)
E12 series 0.001 to 2.2 µF
Preferred values acc. to E6
CAPACITANCE TOLERANCE
± 20 %; ± 10 %; ± 5 %
LEADS
Tinned wire
MAXIMUM APPLICATION TEMPERATURE
C
≤ 470 nF: 110 °C (125 °C for less than 1000 h)
C > 470 nF: 110 °C
DETAIL SPECIFICATION
For more detailed data and test requirements, contact:
RFI@vishay.com
168x12(halfpage)
168x12(halfpage)
h
lt
l
w
P ± 0.4
Ø dt
e3
RoHS
COMPLIANT


Similar Part No. - BFC2336215

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233621103 VISHAY-BFC233621103 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233621105 VISHAY-BFC233621105 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233621152 VISHAY-BFC233621152 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233621153 VISHAY-BFC233621153 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233621154 VISHAY-BFC233621154 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
More results

Similar Description - BFC2336215

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com