Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2304SPbF Datasheet(PDF) 1 Page - International Rectifier

Part # IR2304SPbF
Description  HALF-BRIDGE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2304SPbF Datasheet(HTML) 1 Page - International Rectifier

  IR2304SPbF Datasheet HTML 1Page - International Rectifier IR2304SPbF Datasheet HTML 2Page - International Rectifier IR2304SPbF Datasheet HTML 3Page - International Rectifier IR2304SPbF Datasheet HTML 4Page - International Rectifier IR2304SPbF Datasheet HTML 5Page - International Rectifier IR2304SPbF Datasheet HTML 6Page - International Rectifier IR2304SPbF Datasheet HTML 7Page - International Rectifier IR2304SPbF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet No. PD60200 revB
Features
Floating channel designed for bootstrap operation
to +600V. Tolerant to negative transient voltage
dV/dt immune
Gate drive supply range from 10 to 20V
Under voltage lockout for both channels
3.3V, 5V, and 15V input logic input compatible
Cross-conduction prevention logic
Matched propagation delay for both channels
Lower di/dt gate driver for better noise immunity
Internal 100ns dead-time
Output in phase with input
HALF-BRIDGE DRIVER
Product Summary
VOFFSET
600V max.
IO+/- (min)
60 mA/130 mA
VOUT
10 - 20V
Delay Matching
50 ns
Internal deadtime
100 ns
ton/off (typ.)
220/220 ns
IR2304(S) & (PbF)
www.irf.com
1
LIN
HIN
VCC
COM
VB
HO
VS
LO
Vcc
HIN
LIN
up to 600V
TO
LOAD
IR2304
Block Diagram
Package
8 Lead SOIC
8-Lead PDIP
Part
Input
logic
Cross-
conduction
prevention
logic
Dead-Time
Ground Pins
2106/2301
COM
21064
HIN/LIN
no
none
VSS/COM
2108
Internal 540ns
COM
21084
HIN/LIN
yes
Programmable 0.54~5
µs
VSS/COM
2109/2302
Internal 540ns
COM
21094
IN/SD
yes
Programmable 0.54~5
µs
VSS/COM
2304
HIN/LIN
yes
Internal 100ns
COM
2106/2301/2108/2109/2302/2304 Feature Comparison
Available in Lead-Free
Description
The IR2304(S) are a high voltage, high speed
power MOSFET and IGBT driver with inde-
pendent high and low side referenced output
channels. Proprietary HVIC and latch immune
CMOS technologies
enable ruggedized monolithic construction.
The logic input is compatible with standard
CMOS or LSTTL output, down to 3.3V logic.
The output driver features a high pulse cur-
rent buffer stage designed for minimum driver
cross-conduction. The floating channel can be
used to drive an N-channel power MOSFET
or IGBT in the high side configuration which
operates up to 600 volts.


Similar Part No. - IR2304SPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2304SPbF IRF-IR2304SPbF Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
More results

Similar Description - IR2304SPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com