Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1572CDR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1572CDR
Description  SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1572CDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV1572CDR Datasheet HTML 7Page - Texas Instruments TLV1572CDR Datasheet HTML 8Page - Texas Instruments TLV1572CDR Datasheet HTML 9Page - Texas Instruments TLV1572CDR Datasheet HTML 10Page - Texas Instruments TLV1572CDR Datasheet HTML 11Page - Texas Instruments TLV1572CDR Datasheet HTML 12Page - Texas Instruments TLV1572CDR Datasheet HTML 13Page - Texas Instruments TLV1572CDR Datasheet HTML 14Page - Texas Instruments TLV1572CDR Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TLV1572
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
SLAS171A – DECEMBER 1997– REVISED SEPTEMBER 1998
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
interfacing TLV1572 to SPI/QSPI compatible microcontrollers(
µCs) (continued)
Unlike the DSP mode in which the conversion is initiated by the FS input signal from the DSP, the conversion
is initiated by the incoming SCLK after CS falls. Sampling of the input is started on the first rising edge of SCLK
after CS goes low. After six null bits, the A/D conversion data becomes available on SCLK rising edges and is
latched by the
µC on the falling edges. CS can be pulled high during the conversion before the LSB is shifted
out to use the device as a lower resolution ADC. Figure 9 shows the
µC mode timing diagram.
The device goes into autopower down after the LSB is shifted out and is brought out of powerdown by the next
clock rising edge as shown in Figure 9.
12
3
4
5
6
7
16
0
0
0
0
0
0
LSB (N)
SCLK
CS
FS
DO
MSB
12
3
4
5
6
7
16
0
0
0
0
0
Autopower Down
0
LSB(N+1)
Sampling
Conversion
Sample (N)
(N)
MSB(N+1)
Figure 9.
µC Application Timing Diagram
key points
1.
When CS goes low, if FS is high, it is in
µC ({Q}SPI) mode. Thus, FS is tied to VDD. FS is latched twice, on
the falling edge of CS and again on an internally delayed falling edge of CS. Only if both latches latch 1,
then
µC mode is set else DSP mode is set. Only polarity = 0 is supported, i.e. SCLK idles low. Only
clock_phase = 1 is supported as shown in the timing diagrams.
2.
For each conversion 16 clocks have to be supplied. If the
µC cannot take in 16 bits at a time, it may take
8 bits with 8 clocks and the next 8 bits with another 8 clocks keeping CS low throughout the conversion.
The delay between these two 8-clock periods must not be longer than 100
µs.
3.
Sampling starts on the first rising edge of SCLK and ends on the edge when the 6th 0 bit is sent out.
Decisions are made on the rising edge and data is output on the same edge but a bit delayed to avoid noise.
4.
The device goes into autopower down on the falling edge of the 16th clock and is brought out of powerdown
by next first (17th) clock rising edge.
5.
If the (Q)SPI wants less than a 16-bit transfer, CS must go high after each transfer. The falling edge of CS
resets the TLV1572 for the next conversion. Thus a 14-bit transfer is possible when using the device as an
8-bit A/D.
6.
CS going high puts the device in 3-state and complete powerdown. CS going low sets the mode and pulls
DO out of 3-state.


Similar Part No. - TLV1572CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1572CDR TI1-TLV1572CDR Datasheet
515Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572CDRG4 TI1-TLV1572CDRG4 Datasheet
515Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
More results

Similar Description - TLV1572CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1572 TI1-TLV1572_14 Datasheet
515Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572 TI-TLV1572 Datasheet
192Kb / 13P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
logo
Analog Devices
AD9644 AD-AD9644_17 Datasheet
1Mb / 45P
   Serial Output Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADC804 BURR-BROWN-ADC804 Datasheet
694Kb / 8P
   SERIAL OUTPUT ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9253 AD-AD9253_17 Datasheet
1Mb / 41P
   Serial LVDS 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com