Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFC2336214 Datasheet(PDF) 16 Page - Vishay Siliconix

Part No. BFC2336214
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BFC2336214 Datasheet(HTML) 16 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28120
16
Revision: 08-Oct-08
MKP 336 2 X2
Vishay BCcomponents
Interference Suppression Film Capacitors
MKP Radial Potted Type
SUB-CLAUSE NUMBER AND
TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
SUB-GROUP C4
4.15 Charge and discharge
10 000 cycles
Charged to 435 Vdc
Discharge resistance:
4.15.1 Initial measurements
Capacitance
Tangent of loss angle:
For C
≤ 1 µF at 10 kHz
For C > 1 µF at 1 kHz
4.15.3 Final measurements
Capacitance
Tangent of loss angle
Insulation resistance
¦
ΔC/C¦ ≤ 10 % compared to values measured in
4.15.1.
Increase of tan
δ:
≤ 0.008 for: C ≤ 1 µF or
≤ 0.005 for: C > 1 µF
Compared to values measured in 4.15.1.
≥ 50 % of values specified in section “Insulation
Resistance” of this specification
SUB-GROUP C5
4.16 Radio frequency
characteristic
Resonance frequency
≥ 0.9 times the value as specified in section
“Resonant Frequency” of this specification
SUB-GROUP C6
4.17 Passive flammability
Class B
Bore of gas jet: Ø 0.5 mm
Fuel: Butane
Test duration for actual volume V in mm³:
V
≤ 250: 10 s
250 < V
≤ 500: 20 s
500 < V
≤ 1750: 30 s
V > 1750: 60 s
One flame application
After removing test flame from capacitor, the
capacitor must not continue to burn for more than
10 s. No burning particle must drop from the
sample.
SUB-GROUP C7
4.18 Active flammability
20 cycles of 2.5 kV discharges on the test
capacitor connected to URac
The cheese cloth around the capacitors shall not
burn with a flame.
No electrical measurements are required.
R
435 Vdc
1.25
C dU dt
()
×
-----------------------------------------------
=
45.0°
~ 8 mm
12 mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn