Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL604CP Datasheet(PDF) 6 Page - Texas Instruments

Part # TL604CP
Description  P-MOS ANALOG SWITCHES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL604CP Datasheet(HTML) 6 Page - Texas Instruments

  TL604CP Datasheet HTML 1Page - Texas Instruments TL604CP Datasheet HTML 2Page - Texas Instruments TL604CP Datasheet HTML 3Page - Texas Instruments TL604CP Datasheet HTML 4Page - Texas Instruments TL604CP Datasheet HTML 5Page - Texas Instruments TL604CP Datasheet HTML 6Page - Texas Instruments TL604CP Datasheet HTML 7Page - Texas Instruments TL604CP Datasheet HTML 8Page - Texas Instruments TL604CP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TL601, TL604, TL607, TL610
P-MOS ANALOG SWITCHES
D2161, JUNE 1976 — REVISED OCTOBER 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
6
PARAMETER MEASUREMENT INFORMATION
50%
90%
10%
VO
0 V
5 V
toff
ton
Output
Input
50%
Output
CL = 35 pF
(see Note B)
1 k
RL =
−10 V
or
+10 V
2.4 V
Pulse
Generator
TEST CIRCUIT
V
O +
(10 V)
1k
W
1k
W ) ron
VOLTAGE WAVEFORMS
(see Note A)
NOTES: A. The pulse generator has the following characteristics: Zo = 50 Ω, tr ≥ 15 ns, tf ≥ 15 ns, tw = 500 ns.
B. CL includes probe and jig capacitance.
Figure 2
TYPICAL CHARACTERISTICS
VI(sw) = 0 V
VI(sw) = 10 V
IO(sw) = 1 mA
VCC− = −20 V
VCC+ = 10 V
125
100
75
50
25
0
−25
−50
−75
TA − Free-Air Temperature − °C
10
20
40
70
100
200
400
700
1000
1000
700
400
200
100
70
40
20
10
VI(sw) − Switch Analog Voltage − V
10
5
0
−5
−10
−15
TA = 25°C
VCC− = −20 V
VCC+ = 10 V
IO(sw) = −100 µA
IO(sw) = −1 mA
IO(sw) = −10 mA
M-SUFFIX DEVICES
I-SUFFIX DEVICES
SWITCH ON-STATE RESISTANCE
vs
SWITCH ANALOG VOLTAGE
M-SUFFIX DEVICES
I-SUFFIX DEVICES
SWITCH ON-STATE RESISTANCE
vs
FREE-AIR TEMPERATURE
VI(sw) = −12 V
VI(sw) = −11 V
VI(sw) = −10 V
VI(sw) = − 5 V
Figure 3
Figure 4


Similar Part No. - TL604CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL604 TI-TL604 Datasheet
307Kb / 6P
[Old version datasheet]   P MOS ANALOG SWITCHES
More results

Similar Description - TL604CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL601 TI-TL601 Datasheet
307Kb / 6P
[Old version datasheet]   P MOS ANALOG SWITCHES
logo
National Semiconductor ...
AH0014 NSC-AH0014 Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
logo
Toshiba Semiconductor
SSM6P35AFU TOSHIBA-SSM6P35AFU Datasheet
229Kb / 8P
   Analog Switches
SSM6P35AFE TOSHIBA-SSM6P35AFE Datasheet
205Kb / 8P
   Analog Switches
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Panasonic Semiconductor
MN4066B PANASONIC-MN4066B Datasheet
88Kb / 3P
   Quad Analog Switches
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com