Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4874DY Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SI4874DY
Description  Single N-Channel, Logic Level, PowerTrencha MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI4874DY Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SI4874DY Datasheet HTML 1Page - Fairchild Semiconductor SI4874DY Datasheet HTML 2Page - Fairchild Semiconductor SI4874DY Datasheet HTML 3Page - Fairchild Semiconductor SI4874DY Datasheet HTML 4Page - Fairchild Semiconductor SI4874DY Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si4874DY Rev.A
Figure 10. Single Pulse Maximum Power
Dissipation.
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
Typical Electrical Thermal Characteristics
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t /t
1
2
R
(t) = r(t) * R
R
= 125°C/W
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10
Q
, GATE CHARGE (nC)
g
I
= 13A
D
V
= 5V
DS
10V
15V
0.1
0.2
0.5
1
2
5
10
30
100
200
500
1000
2000
4000
7000
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0 V
GS
Coss
Crss
0.05
0.1
0.5
1
2
5
10
30
50
0.01
0.05
0.1
0.5
1
2
5
10
30
100
V
, DRAIN-SOURCE VOLTAGE (V)
RDS(ON)
LIMIT
A
DC
DS
1s
100ms
10ms
1ms
10s
V
=10V
SINGLE PULSE
R
= 125°C/W
T
= 25°C
θJA
GS
A
100us
0.001
0.01
0.1
1
10
100
300
0
10
20
30
40
50
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=125°C/W
T = 25°C
θJA
A


Similar Part No. - SI4874DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4874DY VISHAY-SI4874DY Datasheet
54Kb / 5P
   N-Channel 30-V MOSFET
Rev. A, 09-Aug-04
More results

Similar Description - SI4874DY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4420DY FAIRCHILD-SI4420DY Datasheet
281Kb / 3P
   Single N-Channel Logic Level PowerTrencha MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
SI4822DY FAIRCHILD-SI4822DY Datasheet
94Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDR4420A FAIRCHILD-FDR4420A Datasheet
224Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDC655BN FAIRCHILD-FDC655BN Datasheet
528Kb / 6P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDR4420A FAIRCHILD-FDR4420A_07 Datasheet
67Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6680A FAIRCHILD-FDS6680A Datasheet
102Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDS6680A FAIRCHILD-FDS6680A_12 Datasheet
202Kb / 5P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET
FDM6296 FAIRCHILD-FDM6296 Datasheet
471Kb / 6P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com